Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7194BCPZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7194BCPZ-REEL7
Szczegółowy opis  8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7194BCPZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7194BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD7194
Rev. 0 | Page 10 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO AGND.
24 DVDD
23 AVDD
22 DGND
21 AGND
20 AIN16
19 AIN15
18 REFIN1(–)
17 REFIN1(+)
1
2
3
4
5
6
7
8
AIN1/P3
AIN2/P2
AIN3/P1/REFIN2(+)
AIN4/P0/REFIN2(–)
AINCOM
AGND
AIN5
AIN6
TOP VIEW
(Not to Scale)
AD7194
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AIN1/P3
Analog Input/Digital Output Pin. This pin can function as an analog input pin. When the GP32EN bit is set
to 1, the pin functions as a general-purpose output bit referenced between AVDD and AGND.
2
AIN2/P2
Analog Input/Digital Output Pin. This pin can function as an analog input pin. When the GP32EN bit is set
to 1, the pin functions as a general-purpose output bit referenced between AVDD and AGND.
3
AIN3/P1/REFIN2(+)
Analog Input/Digital Output Pin/Positive Reference Input. This pin functions as an analog input pin. When
the GP10EN bit is set to 1, the pin functions as a general-purpose output bit referenced between AVDD and
AGND. When the REFSEL bit in the configuration register is set to 1, this pin functions as REFIN2(+). An
external reference can be applied between REFIN2(+) and REFIN2(−). REFIN2(+) can lie anywhere between
AVDD and AGND + 1 V.
4
AIN4/P0/REFIN2(−)
Analog Input/Digital Output Pin/Positive Reference Input. This pin functions as an analog input pin. When
the GP10EN bit is set to 1, the pin functions as a general-purpose output bit referenced between AVDD and
AGND. When the REFSEL bit in the configuration register is set to 1, this pin functions as REFIN2(−). An
external reference can be applied between REFIN2(+) and REFIN2(−). This reference input can lie anywhere
between AGND and AVDD − 1 V.
5
AINCOM
Analog Input AIN1 to Analog Input AIN16 are referenced to this input when the bit pseudo is set to 1.
6
AGND
Analog Ground Reference Point.
7
AIN5
Analog Input Pin.
8
AIN6
Analog Input Pin.
9
AIN7
Analog Input Pin.
10
AIN8
Analog Input Pin.
11
AIN9
Analog Input Pin.
12
AIN10
Analog Input Pin.
13
AIN11
Analog Input Pin.
14
AIN12
Analog Input Pin.
15
AIN13
Analog Input Pin.
16
AIN14
Analog Input Pin.
17
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−).
REFIN1(+) can lie anywhere between AVDD and AGND + 1 V. The nominal reference voltage, (REFIN1(+) −
REFIN1(−)), is AVDD, but the part functions with a reference from 1 V to AVDD.
18
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between AGND and AVDD − 1 V.
19
AIN15
Analog Input Pin.
20
AIN16
Analog Input Pin.
21
AGND
Analog Ground Reference Point.
22
DGND
Digital Ground Reference Point.


Podobny numer części - AD7194BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7194BCPZ-REEL7 AD-AD7194BCPZ-REEL7 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results

Podobny opis - AD7194BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com