Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9122
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9122 Datasheet HTML 3Page - Analog Devices AD9122 Datasheet HTML 4Page - Analog Devices AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices AD9122 Datasheet HTML 9Page - Analog Devices AD9122 Datasheet HTML 10Page - Analog Devices AD9122 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9122
Rev. 0 | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 6.
Parameter
With
Respect To
Rating
AVDD33
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.6 V
IOVDD
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.3 V
DVDD18, CVDD18
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +2.1 V
AVSS
EPAD, CVSS,
DVSS
−0.3 V to +0.3 V
EPAD
AVSS, CVSS,
DVSS
−0.3 V to +0.3 V
CVSS
AVSS, EPAD,
DVSS
−0.3 V to +0.3 V
DVSS
AVSS, EPAD,
CVSS
−0.3 V to +0.3 V
FSADJ, REFIO,
IOUT1P/IOUT1N,
IOUT2P/IOUT2N
AVSS
−0.3 V to AVDD33 + 0.3 V
D[15:0]P/D[15:0]N,
FRAMEP/FRAMEN,
DCIP/DCIN
EPAD, DVSS
−0.3 V to DVDD18 + 0.3 V
DACCLKP/DACCLKN,
REFCLKP/REFCLKN
DVSS
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, CS, SCLK,
SDIO, SDO
EPAD, DVSS
−0.3 V to IOVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature
Range
−65°C to +150°C
The exposed paddle (EPAD) must be soldered to the ground
plane for the 72-lead, LFCSP. The EPAD performs as an
electrical and thermal connection to the board.
Typical θJA, θJB, and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation effectively reducing θJA and θJB.
Table 7. Thermal Resistance
Package
θJA
θJB
θJC
Unit
Conditions
72-Lead LFCSP_VQ
20.7
10.9
1.1
°C/W
EPAD soldered
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Podobny numer części - AD9122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP AD-AD9122SCPZ-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP-RL AD-AD9122SCPZ-EP-RL Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com