Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122BCPZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9122BCPZ
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9122BCPZ Datasheet HTML 4Page - Analog Devices AD9122BCPZ Datasheet HTML 5Page - Analog Devices AD9122BCPZ Datasheet HTML 6Page - Analog Devices AD9122BCPZ Datasheet HTML 7Page - Analog Devices AD9122BCPZ Datasheet HTML 8Page - Analog Devices AD9122BCPZ Datasheet HTML 9Page - Analog Devices AD9122BCPZ Datasheet HTML 10Page - Analog Devices AD9122BCPZ Datasheet HTML 11Page - Analog Devices AD9122BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9122
Rev. 0 | Page 8 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
DACCLKP
DACCLKN
CVSS
FRAMEP
FRAMEN
IRQ
D15P
D15N
NC
IOVDD
DVDD18
D14P
D14N
D13P
D13N
17
D12P
18
D12N
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
RESET
CS
SCLK
SDIO
SDO
DVDD18
D0N
D0P
D1N
D1P
DVSS
DVDD18
D2N
D2P
D3N
D3P
D4N
D4P
PIN 1
INDICATOR
AD9122
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO AVSS.
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
2
DACCLKP
DAC Clock Input, Positive.
3
DACCLKN
DAC Clock Input, Negative.
4
CVSS
Clock Supply Common.
5
FRAMEP
Frame Input, Positive.
6
FRAMEN
Frame Input, Negative.
7
IRQ
Interrupt Request. Open-drain, active low output.
8
D15P
Data Bit 15 (MSB), Positive.
9
D15N
Data Bit 15 (MSB), Negative.
10
NC
No connection to device.
11
IOVDD
Supply Pin for Serial Ports, RESET and IRQ. 1.8 V to 2.8 V can be supplied to this pin.
12
DVDD18
1.8 V Digital Supply. Supplies power to digital core and digital data ports.
13
D14P
Data Bit 14, Positive.
14
D14N
Data Bit 14, Negative.
15
D13P
Data Bit 13, Positive.
16
D13N
Data Bit 13, Negative.
17
D12P
Data Bit 12, Positive.
18
D12N
Data Bit 12, Negative.
19
D11P
Data Bit 11, Positive.
20
D11N
Data Bit 11, Negative.
21
D10P
Data Bit 10, Positive.
22
D10N
Data Bit 10, Negative.
23
D9P
Data Bit 9, Positive.
24
D9N
Data Bit 9, Negative.
25
D8P
Data Bit 8, Positive.
26
D8N
Data Bit 8, Negative.


Podobny numer części - AD9122BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP AD-AD9122SCPZ-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP-RL AD-AD9122SCPZ-EP-RL Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com