Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122BCPZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9122BCPZ
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9122BCPZ Datasheet HTML 5Page - Analog Devices AD9122BCPZ Datasheet HTML 6Page - Analog Devices AD9122BCPZ Datasheet HTML 7Page - Analog Devices AD9122BCPZ Datasheet HTML 8Page - Analog Devices AD9122BCPZ Datasheet HTML 9Page - Analog Devices AD9122BCPZ Datasheet HTML 10Page - Analog Devices AD9122BCPZ Datasheet HTML 11Page - Analog Devices AD9122BCPZ Datasheet HTML 12Page - Analog Devices AD9122BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD9122
Rev. 0 | Page 9 of 56
Pin No.
Mnemonic
Description
27
DCIP
Data Clock Input, Positive.
28
DCIN
Data Clock Input, Negative.
29
DVDD18
1.8 V Digital Supply.
30
DVSS
Digital Common.
31
D7P
Data Bit 7, Positive.
32
D7N
Data Bit 7, Negative.
33
D6P
Data Bit 6, Positive.
34
D6N
Data Bit 6, Negative.
35
D5P
Data Bit 5, Positive.
36
D5N
Data Bit 5, Negative.
37
D4P
Data Bit 4, Positive.
38
D4N
Data Bit 4, Negative.
39
D3P
Data Bit 3, Positive.
40
D3N
Data Bit 3, Negative.
41
D2P
Data Bit 2, Positive.
42
D2N
Data Bit 2, Negative.
43
DVDD18
1.8 V Digital Supply.
44
DVSS
Digital Common.
45
D1P
Data Bit 1, Positive.
46
D1N
Data Bit 1, Negative.
47
D0P
Data Bit 0, Positive.
48
D0N
Data Bit 0, Negative.
49
DVDD18
1.8 V Digital Supply.
50
SDO
Serial Port Data Output (CMOS Levels with Respect to IOVDD).
51
SDIO
Serial Port Data Input/Output (CMOS Levels with Respect to IOVDD).
52
SCLK
Serial Port Clock Input (CMOS Levels With Respect to IOVDD).
53
CS
Serial Port Chip Select. Active Low (CMOS Levels With Respect to IOVDD).
54
RESET
Reset. Active Low (CMOS Levels With Respect to IOVDD).
55
NC
No connection to device.
56
AVSS
Analog Supply Common.
57
AVDD33
3.3 V Analog Supply.
58
IOUT2P
Q DAC Positive Current Output.
59
IOUT2N
Q DAC Negative Current Output.
60
AVDD33
3.3 V Analog Supply.
61
AVSS
Analog Supply Common.
62
REFIO
Voltage Reference. Nominally 1.2 V output. Should be decoupled to analog common.
63
FSADJ
Full-Scale Current Output Adjust. Place a 10 kΩ resistor on the analog common.
64
AVSS
Analog Common.
65
AVDD33
3.3 V Analog Supply.
66
IOUT1N
I DAC Positive Current Output.
67
IOUT1P
I DAC Negative Current Output.
68
AVDD33
3.3 V Analog Supply.
69
REFCLKN
PLL Reference Clock Input, Negative. This pin has secondary function as SYNC input.
70
REFCLKP
PLL Reference Clock Input, Positive. This pin has secondary function as SYNC input.
71
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
72
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
EPAD
Exposed pad must be connected to AVSS. This provides an electrical, thermal, and mechanical connection
to the PCB.


Podobny numer części - AD9122BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP AD-AD9122SCPZ-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP-RL AD-AD9122SCPZ-EP-RL Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com