Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122BCPZRL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9122BCPZRL
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122BCPZRL Arkusz danych(HTML) 5 Page - Analog Devices

  AD9122BCPZRL Datasheet HTML 1Page - Analog Devices AD9122BCPZRL Datasheet HTML 2Page - Analog Devices AD9122BCPZRL Datasheet HTML 3Page - Analog Devices AD9122BCPZRL Datasheet HTML 4Page - Analog Devices AD9122BCPZRL Datasheet HTML 5Page - Analog Devices AD9122BCPZRL Datasheet HTML 6Page - Analog Devices AD9122BCPZRL Datasheet HTML 7Page - Analog Devices AD9122BCPZRL Datasheet HTML 8Page - Analog Devices AD9122BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD9122
Rev. 0 | Page 5 of 56
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 1.8 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input VIN Logic High (IOVDD = 1.8 V)
1.2
V
Input VIN Logic High (IOVDD = 2.5 V)
1.6
V
Input VIN Logic Low (IOVDD = 1.8 V)
0.6
V
Input VIN Logic Low (IOVDD = 2.5 V)
0.8
V
CMOS OUTPUT LOGIC LEVEL
Output VOUT Logic High
IOVDD = 1.8 V
1.4
V
Output VOUT Logic High
IOVDD = 2.5 V
1.8
V
Output VOUT Logic Low
IOVDD = 1.8 V
0.4
V
Output VOUT Logic Low
IOVDD = 2.5 V
0.4
V
LVDS RECEIVER INPUTS1
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate
See Table 5
DAC CLOCK INPUT (DACCLKP, DACCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
Self biased input, ac couple
1.25
V
Maximum Clock Rate
1200
MSPS
REFCLK INPUT (REFCLKP, REFCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
1.25
V
REFCLK Frequency (PLL Mode)
1 GHz ≤ fVCO ≤ 26 Hz
15.625
600
MHz
REFCLK Frequency (SYNC Mode)
See Multichip Synchronization section for conditions
0
600
MHz
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (tPWH)
12.5
ns
Minimum Pulse Width Low (tPWOL)
12.5
ns
Setup Time, SDI to SCLK (tDS)
1.9
ns
Hold Time, SDI to SCLK (tDH)
0.2
ns
Data Valid, SDO to SCLK (tDV)
23
ns
Setup Time, CS to SCLK (tDCSB)
1.4
ns
1 LVDS receiver is compliant to the IEEE 1596 reduced range link, unless otherwise noted.
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
LATENCY (DACCLK Cycles)
1× Interpolation (With or Without Modulation)
64
Cycles
2× Interpolation (With or Without Modulation)
135
Cycles
4× Interpolation (With or Without Modulation)
292
Cycles
8× Interpolation (With or Without Modulation)
608
Cycles
Inverse Sinc
20
Cycles
Fine Modulation
8
Cycles
Power-Up Time
260
ms


Podobny numer części - AD9122BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP AD-AD9122SCPZ-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122SCPZ-EP-RL AD-AD9122SCPZ-EP-RL Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com