Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122-M5375-EBZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9122-M5375-EBZ
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122-M5375-EBZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9122-M5375-EBZ Datasheet HTML 2Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 3Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 4Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 5Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 6Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9122
Rev. 0 | Page 6 of 56
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 100 MSPS, fOUT = 20 MHz
78
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
80
dBc
fDAC = 400 MSPS, fOUT = 70 MHz
69
dBc
fDAC = 800 MSPS, fOUT = 70 MHz
72
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 200 MSPS, fOUT = 50 MHz
84
dBc
fDAC = 400 MSPS, fOUT = 60 MHz
86
dBc
fDAC = 400 MSPS, fOUT = 80 MHz
84
dBc
fDAC = 800 MSPS, fOUT = 100 MHz
81
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-TONE, 500 kHz TONE SPACING
fDAC = 200 MSPS, fOUT = 80 MHz
−162
dBm/Hz
fDAC = 400 MSPS, fOUT = 80 MHz
−163
dBm/Hz
fDAC = 800 MSPS, fOUT = 80 MHz
−164
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 10 MHz
84
dBc
fDAC = 491.52 MSPS, fOUT = 122.88 MHz
82
dBc
fDAC = 983.04 MSPS, fOUT = 122.88 MHz
83
dBc
W-CDMA SECOND ACLR, SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 10 MHz
88
dBc
fDAC = 491.52 MSPS, fOUT = 122.88 MHz
86
dBc
fDAC = 983.04 MSPS, fOUT = 122.88 MHz
88
dBc
Table 5. Interface Speeds
Bus Width
Interpolation Factor
fBUS (Mbps)
1.8 V ± 5%
1.8 V ± 2%
1.9 V ± 5%
Nibble (4 Bits)
1100
1200
1200
2× (HB1)
1100
1200
1200
2× (HB2)
1100
1200
1200
1100
1200
1200
1100
1200
1200
Byte (8 Bits)
1100
1200
1200
2× (HB1)
1100
1200
1200
2× (HB2)
1100
1200
1200
1100
1200
1200
550
600
600
Word (16 Bits)
1100
1200
1200
2× (HB1)
900
1000
1000
2× (HB2)
1100
1200
1200
550
600
600
275
300
300


Podobny numer części - AD9122-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com