Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122-M5375-EBZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9122-M5375-EBZ
Szczegółowy opis  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122-M5375-EBZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9122-M5375-EBZ Datasheet HTML 6Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 10Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 11Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 12Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 13Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD9122
Rev. 0 | Page 10 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 250MSPS, SECOND HARMONIC
fDATA = 250MSPS, THIRD HARMONIC
fDATA = 400MSPS, SECOND HARMONIC
fDATA = 400MSPS, THIRD HARMONIC
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 4. Harmonics vs. fOUT over fDATA, 2× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
Figure 7. Second Harmonic vs. fOUT over Digital Scale, 2× Interpolation,
fDATA = 400 MSPS, fSC = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 100MSPS, SECOND HARMONIC
fDATA = 100MSPS, THIRD HARMONIC
fDATA = 200MSPS, SECOND HARMONIC
fDATA = 200MSPS, THIRD HARMONIC
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 5. Harmonics vs. fOUT over fDATA, 4× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
Figure 8. Third Harmonic vs. fOUT over Digital Scale, 2× Interpolation,
fDATA = 400 MSPS, fSC = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
400
500
600
700
fOUT (MHz)
fDATA = 100MSPS, SECOND HARMONIC
fDATA = 100MSPS, THIRD HARMONIC
fDATA = 150MSPS, SECOND HARMONIC
fDATA = 150MSPS, THIRD HARMONIC
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
10mA, SECOND HARMONIC
20mA, SECOND HARMONIC
30mA, SECOND HARMONIC
10mA, THIRD HARMONIC
20mA, THIRD HARMONIC
30mA, THIRD HARMONIC
Figure 6. Harmonics vs. fOUT over fDATA, 8× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
Figure 9. Second Harmonic vs. fOUT over fSC, 2× Interpolation,
fDATA = 400 MSPS, Digital Scale = 0 dBFS


Podobny numer części - AD9122-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9122-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com