Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4602 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADF4602
Szczegółowy opis  Single-Chip, Multiband 3G Femtocell Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 5Page - Analog Devices ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices ADF4602 Datasheet HTML 10Page - Analog Devices ADF4602 Datasheet HTML 11Page - Analog Devices ADF4602 Datasheet HTML 12Page - Analog Devices ADF4602 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADF4602
Rev. 0 | Page 9 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
VSUP1, VSUP2 to GND
−0.3 V to +3.6 V
VSUP4, VSUP5, VSUP6, VSUP7,
VSUP8, VSUP9 to GND
−0.3 V to +3.6 V
VSUP3 to GND
−0.3 V to +2.0 V
VINT to GND
−0.3 V to +2.0 V
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (B Version)
0°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
LFCSP θJA Thermal Impedance
32°C/W
Reflow Soldering
Peak Temperature
240°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION


Podobny numer części - ADF4602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Podobny opis - ADF4602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
HuaXinAn Electronics CO...
AK1589 HUAXINAN-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
Asahi Kasei Microsystem...
AK1589 AKM-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
   Multiband Chip Antenna
11.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com