Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13821 Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MC13821
Szczegółowy opis  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13821_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
5
1960 MHz (R1 = 1.3 k
Ω, R2 = 68 Ω, C1 = 15 pF, C2 = 1.2 pF, L1 = 5.6 nH) (Refer to Figure 10)
Frequency
f
1960
MHz
Active Gain
G
10.5
11.5
13
dB
Active Noise Figure
NF
1.1
1.3
1.9
dB
Active Input Third Order Intercept Point
IIP3
-2
0
1
dBm
Active Input 1dB Compression Point
P1dB
-15
-10
dBm
Active Current @ 2.75 V
ICC
3.6
4.5
5.5
mA
Bypass Gain
G
-6.5
-3.5
-3
dB
Bypass Noise Figure
NF
3.8
4.7
6
dB
Bypass Input Third Order Intercept Point
IIP3
20
21
22
dBm
Bypass Current
2
4
20
µA
1960 MHz (R1 = 1.8 k
Ω, R2 = 330 Ω, C1 = 8 pF, C2 = 1.2 pF, L1 = 4.7 nH) (Refer to Figure 10)
Frequency
f
1960
MHz
Active Gain
G
13.8
14.8
16
dB
Active Noise Figure
NF
1.1
1.3
1.9
dB
Active Input Third Order Intercept Point
IIP3
-2
0
1
dBm
Active Input 1dB Compression Point
P1dB
-10
-5
-4
dBm
Active Current @ 2.75 V
ICC
2.3
2.8
5.5
mA
Bypass Gain
G
-6.5
-3.5
-3
dB
Bypass Noise Figure
NF
3.8
4.7
6
dB
Bypass Input Third Order Intercept Point
IIP3
16
18
18.5
dBm
Bypass Current
2
4
20
µA
2140 MHz (Refer to Figure 11)
Frequency
f
2140
MHz
Active Gain
G
14.7
15.7
17.5
dB
Active Noise Figure
NF
1.1
1.3
1.5
dB
Active Input Third Order Intercept Point
IIP3
2.5
3.5
4.5
dBm
Active Input 1dB Compression Point
P1dB
-6.0
-5
-4
dBm
Active Current @ 2.75 V
ICC
2.3
2.8
3.8
mA
Bypass Gain
G
-4.2
-3.2
-2.2
dB
Bypass Noise Figure
NF
3.0
4.2
6
dB
Bypass Input Third Order Intercept Point
IIP3
22.5
24.5
25.5
dBm
Bypass Current
2
4
20
µA
Table 4. Electrical Characteristics Measured in Frequency Specific Tuned Circuits (continued)
(VCC = 2.75 V, TA = 25°C, Rbias = 2 kΩ, unless otherwise noted.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit


Podobny numer części - MC13821_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

Podobny opis - MC13821_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com