Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2018D1YZFR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2018D1YZFR
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2018D1YZFR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA2018D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 10Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 11Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 12Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G008
Gain = 6 dB
RL = 8 Ω + 33 µH
VDD = 3.6 V
1
10k
PO = 0.05 W
PO = 0.5 W
PO = 0.25 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VDD = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G010
Gain = 6 dB
RL = 4 Ω + 33 µH
VDD = 3.6 V
1
10k
PO = 0.1 W
PO = 1 W
PO = 0.5 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G011
Gain = 6 dB
RL = 4 Ω + 33 µH
VDD = 5 V
1
10k
PO = 0.2 W
PO = 1 W
PO = 2 W
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G012
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0.01
0.1
1
5
100
1
0.1
0.01
G013
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
10
VDD = 3.6 V
VDD = 5 V
TPA2018D1
www.ti.com ................................................................................................................................................................................................ SLOS592 – AUGUST 2009
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 15.
Figure 16.
Copyright © 2009, Texas Instruments Incorporated
9
Product Folder Link(s): TPA2018D1


Podobny numer części - TPA2018D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2018D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com