Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8010GL Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-8010GL
Szczegółowy opis  Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8010GL Arkusz danych(HTML) 2 Page - Sanken electric

  SI-8010GL Datasheet HTML 1Page - Sanken electric SI-8010GL Datasheet HTML 2Page - Sanken electric SI-8010GL Datasheet HTML 3Page - Sanken electric SI-8010GL Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
69
ICs
SI-8000GL Series
■External Dimensions (DIP8)
(Unit: mm)
■Block Diagram
CE/SS
UVLO
OCP
P.REG
OSC
PWM
LOGIC
CE/SS
TSD
Reg
Comp
GND
1V
Boot REG
DRIVE
BS
SWOUT
VREF
VIN
+
-
+
-
Amp
Pin Assignment
1. GND
2. CE/SS
3. Reg
4. SWOUT
5. VIN
6. B.S
7. Comp
8. VREF
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.49 g
SI-8010GL
7
8
2
1
5
4
6
3
a
SK
b
9.4
±0.3
0.5
±0.1
0
°∼15°
c
8010GL
1.0
+0.3
-0.05
1.5
+0.3
-0.05
0.25+0.1
-0.05
2.54
7.6
0.25 M
0.89 TYP
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
125
Ambient Temperature Ta (
°C)
j-a:100
°C/W
θ
■Ta-PD Characteristics
Note 1: The efficiency depends on the input volt-
age and the output current. Therefore, ob-
tain the value from the efficiency graph and
substitute the percentage in the formula
above.
Note 2: Thermal design for D1 must be considered
separately.
VO : Output voltage
VIN : Input voltage
IO : Output current
ηχ : Efficiency
VF : Diode D1 forward voltage
RK16···0.4V(IO=1A)
■Typical Connection Diagram
C1: 220
µF/63V
C2: 470
µF/25V
C3: 0.1
µF
C4: 1000pF
C5: 0.1
µF
C6: 0.047
µF
C7: 0.1
µF
Diode D1
• Be sure to use a Schottky-barrier diode as D1. If other diodes like fast recovery diodes are used, IC may be destroyed because of the reverse voltage generated
by the recovery voltage or ON voltage.
Choke coil L1
• If the winding resistance of the choke coil is too high, the efficiency may drop below the rated value.
• As the overcurrent protection starting current is approx. 2.5 A, take care concerning heat radiation from the choke coil caused by magnetic saturation due to
overload or short-circuited load.
Capacitor C1, C2
• As large ripple currents flow through C1 and C2, use high-frequency and low-impedance capacitors aiming for switching-mode-power-supply use. Especially
when the impedance of C2 is high, the switching waveform may become abnormal at low temperatures. For C2, do not use a capacitor with an extremely low
equivalent series resistance (ESR) such as an OS capacitor or a tantalum capacitor, which may cause an abnormal oscillation.
Resistors R2, R3
• R2 and R3 are the resistors to set the output voltage. Set their values so that IREF becomes approx. 2 mA. Obtain R2 and R3 values by the following formula above.
* To create the optimum operating conditions, place the components as close as possible to each other.
SI-8010GL
Reg
CE/SS
3
2
VIN
SWOUT
VREF
VIN
GND
V0
GND
5
C5
Comp
7
6
C6
C3
D1
L1
R2
R3
IREF
GND
B.S
SI-8010GL
1
8
4
R1
C4
C1
C7
+
C2
C8
+
C8: 0.1
µF
R1: 47
L1: 47
µH
D1: RK16
(Sanken)
PD=VO • IO
100
–1 –VF • IO 1–
VO
ηχ
VIN
R2=
(VOUT–VREF)
=
(VOUT–1)
(
Ω), R3 =
VREF
=
1
500(
Ω)
IREF
2
×10–3
IREF
2
×10–3
=
.
.


Podobny numer części - SI-8010GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8010GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com