Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8010GL Arkusz danych(PDF) 3 Page - Sanken electric

Numer części SI-8010GL
Szczegółowy opis  Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8010GL Arkusz danych(HTML) 3 Page - Sanken electric

  SI-8010GL Datasheet HTML 1Page - Sanken electric SI-8010GL Datasheet HTML 2Page - Sanken electric SI-8010GL Datasheet HTML 3Page - Sanken electric SI-8010GL Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5
sExample of Pattern on PC Board
*For the optimum conditions, use one-point GND wiring centering on pin 1, and place each component as closely as possible.
sTa-PD Characteristics
Note 1: The efficiency depends on the input voltage and the out-
put current. Thus, obtain the value from the efficiency
graph and substitute the percentage in the formula above.
Note 2: Thermal design for D1 must be considered separately.
VO : Output voltage
VIN: Input voltage
IO : Output current
ηχ : Efficiency
VF : Diode forward voltage
RK16···0.4V(IO=1A)
PD=VO • IO
100
–1 –VF • IO 1–
VO
ηχ
VIN
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
125
Ambient Temperature Ta (
°C)
j-a:100
°C/W
θ
SI-8010GL
C9
R2
R1
R3
C6
C1
C7
C2
C8
+
+
GND
C3
C4
C5
D1
L1
V0
VIN
sPackaging specifications
Minimum package
Stick
Qty: 50 pcs/1 stick
(Unit: mm)
13
±0.2
505
±1.0
4.2
±0.15
5.0
±1.0
Stopper (without fin)
Stopper (with fin)
50pcs
Recommended Pattern
qSI-8000GL Series


Podobny numer części - SI-8010GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8010GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com