Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAP1006-1-AIA-TR Arkusz danych(PDF) 11 Page - SMSC Corporation

Numer części CAP1006-1-AIA-TR
Szczegółowy opis  5 and 6 Channel Capacitive Touch Sensor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006-1-AIA-TR Arkusz danych(HTML) 11 Page - SMSC Corporation

Back Button CAP1006-1-AIA-TR Datasheet HTML 7Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 8Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 9Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 10Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 11Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 12Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 13Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 14Page - SMSC Corporation CAP1006-1-AIA-TR Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
11
Revision 1.1 (08-05-09)
DATASHEET
Maximum Base
Capacitance
CBASE
50
pF
Pad untouched
Detectable
Capacitive Shift
ΔC
TOUCH
0.1
2
pF
Pad touched
I/O Pins - SPI_CS#, SPI_MOSI, and ALERT# pins
Output Low Voltage
VOL
0.4
V
ISINK_IO = 4mA
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
SMDATA / BC_DATA / SPI_MSIO / SPI_MISO and SMCLK / BC_CLK / SPI_CLK pins
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8mA
Output High Voltage
VOH
VDD -
0.4
VISOURCE_IO = 8mA
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V
SMBus First
Communication
tSMB
15
ms
SMBus Timing (CAP1006-1 only)
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STP
0.6
us
Data Hold Time
tHD:DAT
0.6
6
us
Data Setup Time
tSU:DAT
0.6
72
us
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Table 2.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, TA = 0°C to 100°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS


Podobny numer części - CAP1006-1-AIA-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-1-EZK-TR SMSC-CAP1014-1-EZK-TR Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-2-EZK-TR SMSC-CAP1014-2-EZK-TR Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1026-1-AP-TR SMSC-CAP1026-1-AP-TR Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
More results

Podobny opis - CAP1006-1-AIA-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com