Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ICE2A0565 Datasheet(Arkusz danych) 21 Page - Infineon Technologies AG

Numer części ICE2A0565
Szczegółowy opis  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Pobierz  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo 

 21 page
background image
Version 2.6
21
25 Dec 2006
CoolSET™-F2
Electrical Characteristics
4.4
Characteristics
Note:
The electrical characteristics involve the spread of values given within the specified supply voltage and
junction temperature range TJ from – 25 °C to 125 °C.Typical values represent the median values, which
are related to 25°C. If not otherwise stated, a supply voltage of VCC = 15 V is assumed.
4.4.1
Supply Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start Up Current
IVCC1
-27
55
µA
VCC=VCCon -0.1V
Supply Current with Inactive
Gate
IVCC2
-5.0
6.6
mA
VSoftS = 0
IFB = 0
Supply Current
with Active Gate
ICE2A0565
IVCC3
-5.3
6.7
mA
VSoftS = 5V
IFB = 0
ICE2A165
IVCC4
-6.5
7.8
mA
ICE2A265
IVCC5
-6.7
8.0
mA
ICE2A365
IVCC6
-8.5
9.8
mA
ICE2B0565
IVCC7
-5.2
6.7
mA
ICE2B165
IVCC8
-5.5
7.0
mA
ICE2B265
IVCC9
-6.1
7.3
mA
ICE2B365
IVCC10
-7.1
8.3
mA
ICE2A0565G IVCC11
-5.3
6.7
mA
ICE2A0565Z IVCC12
-5.3
6.7
mA
ICE2A180Z
IVCC13
-6.5
7.8
mA
ICE2A280Z
IVCC14
-7.7
9.0
mA
Supply Current
with Active Gate
ICE2A765I
IVCC15
-8.5
9.8
mA
VSoftS = 5V
IFB = 0
ICE2B765I
IVCC16
-7.1
8.3
mA
ICE2A765P2 IVCC17
-8.5
9.8
mA
ICE2B765P2 IVCC18
-7.1
8.3
mA
ICE2A380P2 IVCC19
-6.7
8.0
mA
VCC Turn-On Threshold
VCC Turn-Off Threshold
VCC Turn-On/Off Hysteresis
VCCon
VCCoff
VCCHY
13
-
4.5
13.5
8.5
5
14
-
5.5
V
V
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl