Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL-522WPCDC-050 Arkusz danych(PDF) 3 Page - HB Electronic Components

Numer części SL-522WPCDC-050
Szczegółowy opis  LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HB [HB Electronic Components]
Strona internetowa  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

SL-522WPCDC-050 Arkusz danych(HTML) 3 Page - HB Electronic Components

  SL-522WPCDC-050 Datasheet HTML 1Page - HB Electronic Components SL-522WPCDC-050 Datasheet HTML 2Page - HB Electronic Components SL-522WPCDC-050 Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
3/3
LED SPECIFICATION
Part No./型号: SL-522WPCDC-050
Color Temperature Bins Char/色温分档(Ta = 25℃)
Bin
WP0
WP1
WP2
WP3
WP4
CCT
<2500
2500~2800
2800~3000
3000~3300
3300~3600
Bin
WP5
WP6
WP7
WP8
WP9
CCT
3600~4000
4000~4500
4500~5000
5000~6000
>6000
Typical electrical/optical characteristic curves/光电特性曲线:
T a=25 ℃
700
650
6 00
550
500
450
1 .2
0 .8
1 .0
0.2
0.4
0.6
400
0
Wav ele ngt h
(n m)
Ambient Temperature TA ()
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.3 正向电流 Vs. 环境温度
Fig.4 相对亮度 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
Fig.1 正向电流 Vs. 正向电压
2.6
50
40
2.0
1.5
1.0
2.5
40
20
30
50
0.5
30
20
10
0
0
3.6
10
0
3.2
3.0
2.8
3.4
40
50
Forward Voltage(V)
IF-Forward Current (mA)
100
80
20
60
40
10
20
0
0
Ambient Temperature TA ()
30


Podobny numer części - SL-522WPCDC-050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-550P TADIRN-SL-550P Datasheet
290Kb / 1P
   Extended temperature range
SL-550PR TADIRN-SL-550PR Datasheet
290Kb / 1P
   Extended temperature range
SL-550PT TADIRN-SL-550PT Datasheet
290Kb / 1P
   Extended temperature range
SL-550S TADIRN-SL-550S Datasheet
290Kb / 1P
   Extended temperature range
More results

Podobny opis - SL-522WPCDC-050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com