Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

930105202 Arkusz danych(PDF) 10 Page - ATMEL Corporation

Numer części 930105202
Szczegółowy opis  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930105202 Arkusz danych(HTML) 10 Page - ATMEL Corporation

Back Button 930105202 Datasheet HTML 5Page - ATMEL Corporation 930105202 Datasheet HTML 6Page - ATMEL Corporation 930105202 Datasheet HTML 7Page - ATMEL Corporation 930105202 Datasheet HTML 8Page - ATMEL Corporation 930105202 Datasheet HTML 9Page - ATMEL Corporation 930105202 Datasheet HTML 10Page - ATMEL Corporation 930105202 Datasheet HTML 11Page - ATMEL Corporation 930105202 Datasheet HTML 12Page - ATMEL Corporation 930105202 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
AT60142F
4408G–AERO–04/09
Read Cycle
Note:
1. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Waveforms” on page 7.)
Figure 6. Read Cycle nb 1: Address Controlled (CS = OE = VIL, WE = VIH)
Figure 7. Read Cycle nb 2: Chip Select Controlled (WE = VIH)
Symbol
Parameter
AT60142F-15
Unit
Value
TAVAV
Read cycle time
15
ns
min
TAVQV
Address access time
15
ns
max
TAVQX
Address valid to low Z
5
ns
min
TELQV
Chip-select access time
15
ns
max
TELQX
CS low to low Z(1)
5ns
min
TEHQZ
CS high to high Z(1)
6ns
max
TGLQV
Output Enable access time
6
ns
max
TGLQX
OE low to low Z(1)
2ns
min
TGHQZ
OE high to high Z (1)
5ns
max


Podobny numer części - 930105202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Podobny opis - 930105202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com