Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

930104701 Arkusz danych(PDF) 8 Page - ATMEL Corporation

Numer części 930104701
Szczegółowy opis  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930104701 Arkusz danych(HTML) 8 Page - ATMEL Corporation

Back Button 930104701 Datasheet HTML 4Page - ATMEL Corporation 930104701 Datasheet HTML 5Page - ATMEL Corporation 930104701 Datasheet HTML 6Page - ATMEL Corporation 930104701 Datasheet HTML 7Page - ATMEL Corporation 930104701 Datasheet HTML 8Page - ATMEL Corporation 930104701 Datasheet HTML 9Page - ATMEL Corporation 930104701 Datasheet HTML 10Page - ATMEL Corporation 930104701 Datasheet HTML 11Page - ATMEL Corporation 930104701 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
4151N–AERO–04/09
M65608E
Read Cycle
Note:
1. Parameters Guaranteed, not tested, with output loading 5 pF.
Symbol
Parameter
65608-30
65608-45
Unit
Value
TAVAV
Read cycle time
30
45
ns
min
TAVQV
Address access time
30
45
ns
max
TAVQX
Address valid to low Z(1)
55
ns
min
TE1LQV
Chip-select1 access time
30
45
ns
max
TE1LQX
CS1 low to low Z(1)
33
ns
min
TE1HQZ
CS1 high to high Z(1)
15
20
ns
max
TE2HQV
Chip-select2 access time
30
45
ns
max
TE2HQX
CS2 high to low Z(1)
33
ns
min
TE2LQZ
CS2 low to high Z(1)
15
20
ns
max
TGLQV
Output Enable access time
12
15
ns
max
TGLQX
OE low to low Z(1)
00
ns
min
TGHQZ
OE high to high Z(1)
815
ns
max


Podobny numer części - 930104701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Podobny opis - 930104701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com