Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATXMEGA128A1-AU Arkusz danych(PDF) 66 Page - ATMEL Corporation

Numer części ATXMEGA128A1-AU
Szczegółowy opis  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU Arkusz danych(HTML) 66 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 62Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 63Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 64Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 65Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 66Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 67Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 68Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 69Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
66
8067I–AVR–04/09
XMEGA A1
Note:
1. All Power Reduction Registers set. T = 25°C if not specified.
2. All parameters measured as the difference in current consumption between module enabled and disabled. All data at
VCC =3.0V, ClkSYS = 1 MHz External clock with no prescaling, T = 25°C.
33.3
Speed
The maximum System clock frequency of the XMEGA A1 devices is depending on V
CC. As
shown in Figure 33-1 on page 66 the Frequency vs. V
CC cu rve is linear bet wee n
1.8V < V
CC <2.7V.
Figure 33-1. Operating Frequency vs. Vcc
ICC
AC High-speed
220
µA
AC Low-power
110
USART
Rx and Tx enabled, 9600 BAUD
7.5
DMA
1 MBps data rate
180
Timer/Counter
Prescaler DIV1
18
AES
195
Table 33-1.
Current Consumption (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Table 33-2.
Speed
Symbol
Parameter
Condition
Min
Typ
Max
Units
Clk
SYS
System clock
frequency
V
CC = 1.6V
0
12
MHz
VCC = 1.8V
0
12
VCC = 2.7V
0
32
V
CC = 3.6V
0
32
1.8
12
32
MHz
V
2.7
3.6
1.6
Safe Operating Area


Podobny numer części - ATXMEGA128A1-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Podobny opis - ATXMEGA128A1-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com