Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ATXMEGA128A1-AU Datasheet(Arkusz danych) 55 Page - ATMEL Corporation

Numer części ATXMEGA128A1-AU
Szczegółowy opis  8/16-bit XMEGA A1 Microcontroller
Pobierz  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo 

 55 page
background image
55
8067I–AVR–04/09
XMEGA A1
30. Peripheral Module Address Map
The address maps show the base address for each peripheral and module in XMEGA A1. For
complete register description and summary for each peripheral module, refer to the XMEGA A
Manual.
Base Address
Name
Description
0x0000
GPIO
General Purpose IO Registers
0x0010
VPORT0
Virtual Port 0
0x0014
VPORT1
Virtual Port 1
0x0018
VPORT2
Virtual Port 2
0x001C
VPORT3
Virtual Port 3
0x0030
CPU
CPU
0x0040
CLK
Clock Control
0x0048
SLEEP
Sleep Controller
0x0050
OSC
Oscillator Control
0x0060
DFLLRC32M
DFLL for the 32 MHz Internal RC Oscillator
0x0068
DFLLRC2M
DFLL for the 2 MHz RC Oscillator
0x0070
PR
Power Reduction
0x0078
RST
Reset Controller
0x0080
WDT
Watch-Dog Timer
0x0090
MCU
MCU Control
0x00A0
PMIC
Programmable Multilevel Interrupt Controller
0x00B0
PORTCFG
Port Configuration
0x00C0
AES
AES Module
0x0100
DMA
DMA Controller
0x0180
EVSYS
Event System
0x01C0
NVM
Non Volatile Memory (NVM) Controller
0x0200
ADCA
Analog to Digital Converter on port A
0x0240
ADCB
Analog to Digital Converter on port B
0x0300
DACA
Digital to Analog Converter on port A
0x0320
DACB
Digital to Analog Converter on port B
0x0380
ACA
Analog Comparator pair on port A
0x0390
ACB
Analog Comparator pair on port B
0x0400
RTC
Real Time Counter
0x0440
EBI
External Bus Interface
0x0480
TWIC
Two Wire Interface on port C
0x0490
TWID
Two Wire Interface on port D
0x04A0
TWIE
Two Wire Interface on port E
0x04B0
TWIF
Two Wire Interface on port F
0x0600
PORTA
Port A
0x0620
PORTB
Port B
0x0640
PORTC
Port C
0x0660
PORTD
Port D
0x0680
PORTE
Port E
0x06A0
PORTF
Port F
0x06E0
PORTH
Port H
0x0700
PORTJ
Port J
0x0720
PORTK
Port K
0x07C0
PORTQ
Port Q
0x07E0
PORTR
Port R
0x0800
TCC0
Timer/Counter 0 on port C
0x0840
TCC1
Timer/Counter 1 on port C
0x0880
AWEXC
Advanced Waveform Extension on port C
0x0890
HIRESC
High Resolution Extension on port C
0x08A0
USARTC0
USART 0 on port C
0x08B0
USARTC1
USART 1 on port C
0x08C0
SPIC
Serial Peripheral Interface on port C
0x08F8
IRCOM
Infrared Communication Module
0x0900
TCD0
Timer/Counter 0 on port D
0x0940
TCD1
Timer/Counter 1 on port D
0x0990
HIRESD
High Resolution Extension on port D
0x09A0
USARTD0
USART 0 on port D
0x09B0
USARTD1
USART 1 on port D
0x09C0
SPID
Serial Peripheral Interface on port D
0x0A00
TCE0
Timer/Counter 0 on port E




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl