Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP284A Arkusz danych(PDF) 3 Page - Maxwell Technologies

Numer części OP284A
Szczegółowy opis  Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXWELL [Maxwell Technologies]
Strona internetowa  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284A Arkusz danych(HTML) 3 Page - Maxwell Technologies

  OP284A Datasheet HTML 1Page - Maxwell Technologies OP284A Datasheet HTML 2Page - Maxwell Technologies OP284A Datasheet HTML 3Page - Maxwell Technologies OP284A Datasheet HTML 4Page - Maxwell Technologies OP284A Datasheet HTML 5Page - Maxwell Technologies OP284A Datasheet HTML 6Page - Maxwell Technologies OP284A Datasheet HTML 7Page - Maxwell Technologies OP284A Datasheet HTML 8Page - Maxwell Technologies OP284A Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
All data sheets are subject to change without notice
©2009 Maxwell Technologies
All rights reserved.
Dual Operational Amplifier
OP284A
07.16.09 Rev 2
TABLE 5. OP284A ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Input offset voltage
V
IO
+25°C
1
-100
--
100
µ V
-40 to +125°C
2, 3
-200
--
200
Average offset voltage drift1
V
IOTC
R
L=2kΩ
1, 2, 3
--
--
2
µ V/°C
Offset voltage match1
V
IO
|V
IO (max) - VIO (min)|, +25° C
1
-
--
100
µ V
|V
IO (max) - VIO (min)|, -40 to +125° C
2, 3
-
--
200
Input bias current
I
B
R
S = 50Ω, +25° C
1
-350
--
350
nA
R
S = 50Ω, -40 to +125° C
2, 3
-575
--
575
nA
Input offset current
I
OS
R
S =50Ω, +25° C
1
-35
--
35
nA
R
S = 50Ω, -40 to +125° C
2, 3
-50
--
50
nA
Input bias current drift1
I
IBTC
R
S = 50Ω
1, 2, 3
--
200
pA/°C
Input voltage range
I
VR
1, 2, 3
-15
--
15
V
Common mode rejection
ratio
CMRR V
CM = -14V to +14V
4,5,6
86
--
--
dB
V
CM = -15V to +15V, TA=25° C
4
80
--
--
dB
Output current
+I
O
V
OUT = -10V, 1ms pulse, TA=25° C
1
10
--
--
mA
V
OUT = -10V, 1ms pulse
2, 3
5
--
--
-I
O
V
OUT = +10V, 1ms pulse, TA=25° C
1
--
-10
mA
V
OUT = -10V, 1ms pulse
2, 3
--
-5
Quiescent power supply
current per amplifier
+I
CC
I
OUT = 0mA VS=±18V, TA=25° C
1
--
--
1.80
mA
I
OUT = 0mA VS=±18V
2, 3
--
--
2.25
-I
CC
I
OUT = 0mA VS=±18V, TA=25° C
1
-1.80
--
--
mA
I
OUT = 0mA VS=±18V
2, 3
2.25
--
--
Power supply rejection ratio +PSRR V
S=± 2V to ±18V
1, 2, 3
90
--
--
dB
-PSRR V
S=± 2V to ±18V
1, 2, 3
90
--
--
dB
Low frequency, peak-to-
peak noise1
E
np-p
0.1Hz to 10Hz, R
L=2kΩ,
C
L=50pF, TA=+25° C
1--
0.30
--
µ V
p-p
Input noise voltage density1
E
n
R
S=20Ω, fO=1kHz, RL=2kΩ,
C
L=50pF, TA=+25° C
1--
3.9
--
nV/
(Hz)½
Input noise current density1
I
n
R
S=20MΩ, fO=1kHz, RL=2kΩ,
C
L=50pF, TA=+25° C
1--
0.4
--
pA/
(Hz)½
Power consumption1,2
P
C
+10V, I
OUT=0mA, RL=2kΩ
1, 2, 3
--
81
mW
Large signal voltage gain
+A
VOL
+10V, R
L=2.0kΩ,TA=25° C
4
--
150
V/mV
+10V, R
L=2.0kΩ
5,6
75
-A
VOL
-10V, R
L=2.0kΩ,TA=25° C
4
--
150
V/mV
-10V, R
L=2.0kΩ
5,6
75


Podobny numer części - OP284A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP284 AD-OP284 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
   Technical Article
More results

Podobny opis - OP284A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com