Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP284BRPLI Arkusz danych(PDF) 4 Page - Maxwell Technologies

Numer części OP284BRPLI
Szczegółowy opis  Dual Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXWELL [Maxwell Technologies]
Strona internetowa  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284BRPLI Arkusz danych(HTML) 4 Page - Maxwell Technologies

  OP284BRPLI Datasheet HTML 1Page - Maxwell Technologies OP284BRPLI Datasheet HTML 2Page - Maxwell Technologies OP284BRPLI Datasheet HTML 3Page - Maxwell Technologies OP284BRPLI Datasheet HTML 4Page - Maxwell Technologies OP284BRPLI Datasheet HTML 5Page - Maxwell Technologies OP284BRPLI Datasheet HTML 6Page - Maxwell Technologies OP284BRPLI Datasheet HTML 7Page - Maxwell Technologies OP284BRPLI Datasheet HTML 8Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
All data sheets are subject to change without notice
©2009 Maxwell Technologies
All rights reserved.
Dual Operational Amplifier
OP284B
07.16.09 Rev 1
Output voltage swing
+V
OUT1
I
L=1.0mA
4,5,6
14.8
--
--
V
-V
OUT1
I
L=1.0mA
4,5,6
--
--
-14.8
V
Gain bandwidth product1
GBWP V
O=200mV, RL=2.0kΩ,
C
L=50pF, TA=+25° C
4--
4.25
--
MHz
Full power bandwidth1,3
FPBW V
PEAK=29vp-p, RL=2.0kΩ,
C
L=50pF, TA=+25° C, 1% distortion
4--
35
--
kHz
Settling time
t
S
A
V=+1.0, CL=50pF, RL=2.0kΩ
To 0.01%, 10V step
9--
--
5
µ s
Phase margin
F
O
AV=1.0, C
L=50pF,
R
L=2.0kΩ, TA=+25° C
4
--
--
50
Degrees
Slew rate
+SR
C
L=50pF, RL=2.0kΩ
4,5,6
2.4
4.0
--
V/µ s
-SR
C
L=50pF, RL=2.0kΩ
4,5,6
2.4
4.0
--
V/µ s
1. Guaranteed by design.
2. Power consumption is based upon quiescent supply current maximum test limit. No load on outputs.
3. Full power bandwidth is based on slew rate measurement using FBBW = slew rate/(2PV
PEAK).
TABLE 5. OP284B ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT


Podobny numer części - OP284BRPLI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP284 AD-OP284 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
   Technical Article
More results

Podobny opis - OP284BRPLI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com