Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28413 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL28413
Szczegółowy opis  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28413 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL28413 Datasheet HTML 3Page - Intersil Corporation ISL28413 Datasheet HTML 4Page - Intersil Corporation ISL28413 Datasheet HTML 5Page - Intersil Corporation ISL28413 Datasheet HTML 6Page - Intersil Corporation ISL28413 Datasheet HTML 7Page - Intersil Corporation ISL28413 Datasheet HTML 8Page - Intersil Corporation ISL28413 Datasheet HTML 9Page - Intersil Corporation ISL28413 Datasheet HTML 10Page - Intersil Corporation ISL28413 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN6728.3
December 22, 2009
FIGURE 7. FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 8. FREQUENCY RESPONSE vs VOUT
FIGURE 9. GAIN vs FREQUENCY vs RL
FIGURE 10. GAIN vs FREQUENCY vs CL
FIGURE 11. GAIN vs FREQUENCY vs SUPPLY
VOLTAGE
FIGURE 12. CROSSTALK, VS = ±2.5V
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
70
-10
0
10
20
30
40
50
60
100M
V+ = ±2.5V
VOUT = 50mVP-P
CL = 4pF
RL = 10k
AV = 1
AV = 100
AV = 1000
AV = 10
Rg = 100, Rf = 100k
Rg = OPEN, Rf = 0
Rg = 1k, Rf = 100k
Rg = 10k, Rf = 100k
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
VS = ±2.5V
AV = +1
RL = 10k
CL = 4pF
VOUT = 1VP-P
VOUT = 100mVP-P
VOUT = 50mVP-P
VOUT = 10mVP-P
VOUT = 500mVP-P
VOUT = 200mVP-P
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
V+ = ±2.5V
AV = +1
VOUT = 50mVP-P
CL = 4pF
RL = 49.9k
RL = 1k
RL = 499
RL = 100
RL = 10k
RL = 4.99k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-4
-3
-2
-1
0
1
2
3
4
5
6
VS = ±2.5V
RL = 10k
AV = +1
VOUT = 50mVP-P
CL = 1004pF
CL = 474pF
CL = 224pF
CL = 104pF
CL = 26pF
CL = 4pF
FREQUENCY (Hz)
100k
1M
10M
10k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
CL = 4pF
RL = 10k
AV = +1
VOUT = 50mVP-P
VS = ±2.5V
VS = ±0.9V
VS = ±1.25V
VS = ±1.75V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL-RECEIVER = 10k
AV = +1
VSOURCE = 1VP-P
CL = 4pF
RL-DRIVER = INF
VS = ±2.5V
ISL28113, ISL28213, ISL28413


Podobny numer części - ISL28413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28413 INTERSIL-ISL28413 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28413 INTERSIL-ISL28413 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28413 INTERSIL-ISL28413 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28413 RENESAS-ISL28413 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28413FBZ INTERSIL-ISL28413FBZ Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
More results

Podobny opis - ISL28413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com