Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA30H-800CW3G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części BTA30H-800CW3G
Szczegółowy opis  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA30H-800CW3G Arkusz danych(HTML) 5 Page - ON Semiconductor

  BTA30H-800CW3G Datasheet HTML 1Page - ON Semiconductor BTA30H-800CW3G Datasheet HTML 2Page - ON Semiconductor BTA30H-800CW3G Datasheet HTML 3Page - ON Semiconductor BTA30H-800CW3G Datasheet HTML 4Page - ON Semiconductor BTA30H-800CW3G Datasheet HTML 5Page - ON Semiconductor BTA30H-800CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA30H−600CW3G, BTA30H−800CW3G
http://onsemi.com
5
0
5
10
15
20
25
−40 −20
0
20
40
60
80
100 120 140 160
Figure 5. Gate Trigger Current Variation
TJ, JUNCTION TEMPERATURE (°C)
Q3
Q1
Q2
VD = 12 V
RI = 30 W
0.10
0.30
0.50
0.70
0.90
1.10
1.30
−40 −20
0
20
40
60
80 100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Q1
Q2
Q3
VD = 12 V
RI = 30 W
Figure 6. Gate Trigger Voltage Variation
15
25
35
45
55
65
75
TJ, JUNCTION TEMPERATURE (°C)
VD = 12 V
RI = 30 W
Q1
Q2
Q3
−40 −20
0
20
40
60
80 100 120 140 160
Figure 7. Critical Rate of Rise of Commutating
Voltage
Figure 8. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
-
CHARGE
CONTROL
CHARGE
TRIGGER
NON‐POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.


Podobny numer części - BTA30H-800CW3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
108Kb / 6P
   Silicon Bidirectional Thyristors
October, 2010 ??Rev. 1
BTA30-600CW3G ONSEMI-BTA30-600CW3G_10 Datasheet
108Kb / 6P
   Silicon Bidirectional Thyristors
October, 2010 ??Rev. 1
logo
Inchange Semiconductor ...
BTA30-800 ISC-BTA30-800 Datasheet
290Kb / 3P
   isc Triacs
logo
ON Semiconductor
BTA30-800CW3G ONSEMI-BTA30-800CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
More results

Podobny opis - BTA30H-800CW3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com