Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBTH10M3T5G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MMBTH10M3T5G
Szczegółowy opis  NPN VHF/UHF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10M3T5G Arkusz danych(HTML) 5 Page - ON Semiconductor

  MMBTH10M3T5G Datasheet HTML 1Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 2Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 3Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 4Page - ON Semiconductor MMBTH10M3T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MMBTH10M3T5G
http://onsemi.com
5
PACKAGE DIMENSIONS
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
SOT−723
CASE 631AA−01
ISSUE C
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.21
0.27
b1
0.25
0.31
0.37
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
0.15
0.20
0.25
0.018
0.020
0.022
0.0059 0.0083 0.0106
0.010
0.012
0.015
0.0028 0.0047 0.0067
0.045
0.047
0.049
0.03
0.032
0.034
0.016 BSC
0.045
0.047
0.049
0.0059 0.0079 0.0098
MIN
NOM
MAX
INCHES
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08 (0.0032)
Y
2X
E
1
2
3
1.0
0.039
mm
inches
SCALE 20:1
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
MMBTH10M3/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - MMBTH10M3T5G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
   NPN RF Transistor
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
   NPN VHF/UHF Transistors
logo
SHIKUES Electronics
MMBTH10 SKTECHNOLGY-MMBTH10 Datasheet
234Kb / 2P
   NPN-General use transistor 225mW 50mA 20V
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Shenzhen Jin Yu Semicon...
MMBTH10 HTSEMI-MMBTH10 Datasheet
302Kb / 1P
   TRANSISTOR(NPN)
More results

Podobny opis - MMBTH10M3T5G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMT918 MOTOROLA-MMT918 Datasheet
34Kb / 1P
   NPN VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
   NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
   NPN Silicon VHF/UHF Transistor
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
   VHF/UHF NPN SILICON TRANSISTOR
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
   VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Cystech Electonics Corp...
BTC2059A3 CYSTEKEC-BTC2059A3 Datasheet
153Kb / 4P
   VHF/UHF NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com