Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV393MMTR-E1 Arkusz danych(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Numer części AZV393MMTR-E1
Szczegółowy opis  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MMTR-E1 Arkusz danych(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV393MMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
8
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
8
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
Figure 14. Saturation Voltage vs. Case Temperature
Figure 13. Propagation Delay vs. Load Capacitor
TA=25oC, unless otherwise specified.
25
50
75
100
125
150
100
200
300
400
500
600
700
800
T
PHL to 50%
Load Capacitor (pF)
V
CC=5V, VEE=0V
Input Overdrive Voltage=100mV
R
L=5.1K
T
PLH to 50%
-40
-20
0
20
406080
100
120
80
100
120
140
160
180
200
220
240
260
Case Temperature (
0C)
V
CC=5V, ISINK=4mA
V
CC=2.7V, ISINK=1mA
0
25
50
75
100
125
150
175
200
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
Input Overdrive Voltage (mV)
V
CC=5V, VEE=0V
R
L=5.1K, TPLH to 50%
Figure 12. Propagation Delay vs. Input Overdrive Voltage


Podobny numer części - AZV393MMTR-E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZV393MMTR-E1 BCDSEMI-AZV393MMTR-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393MMTR-E1 DIODES-AZV393MMTR-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Podobny opis - AZV393MMTR-E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com