Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TB62708N Arkusz danych(PDF) 5 Page - Marktech Corporate

Numer części TB62708N
Szczegółowy opis  16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62708N Arkusz danych(HTML) 5 Page - Marktech Corporate

  TB62708N Datasheet HTML 1Page - Marktech Corporate TB62708N Datasheet HTML 2Page - Marktech Corporate TB62708N Datasheet HTML 3Page - Marktech Corporate TB62708N Datasheet HTML 4Page - Marktech Corporate TB62708N Datasheet HTML 5Page - Marktech Corporate TB62708N Datasheet HTML 6Page - Marktech Corporate TB62708N Datasheet HTML 7Page - Marktech Corporate TB62708N Datasheet HTML 8Page - Marktech Corporate TB62708N Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T
TT
T
TOSHIB
OSHIB
OSHIB
OSHIB
OSHIBA Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
Constant Cur
Constant Cur
Constant Cur
Constant Cur
Constant Currrrrrent Interf
ent Interf
ent Interf
ent Interf
ent Interface Dri
ace Dri
ace Dri
ace Dri
ace Drivvvvver
er
er
er
er
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
Electrical Characteristics:
TB62708N
TB62708N
TB62708N
TB62708N
TB62708N
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Input
Voltage
"H" level
VIH
0.7VDD
VDD
V
"L" level
VIL
GND
0.3VDD
Output Leakage Current
I LEAK
VLED=17.0V
-10
µA
Output
Voltage
SERIAL-OUT
VOL
IOL=+1.0mA
0.4
V
VOH
IOH=-1.0mA
4.6
V
Output Current 1
IOL1
V
OUT=VCC-2
REXT=360
-66.3
-78
-89.7
mA
Current Skew
∆lOL1
—V
OUT=VCC-2
REXT=360
±1.5
±6.0
%
Supply Voltage Regulation
% / VDD
REXT=360
Ta=-40~+85°C
1.5
5.0
% /V
Supply Current
IDD (off) 1
REXT=OPEN
OUT0~15=off
0.6
1.2
mA
IDD (on)
REXT=360
Ω,
DATA="H"OUT0~15=on
10.0
15.0
ICC(off)
REXT=360
Ω,
ALL DATA="L"
OUT0~15=off
—1
2
ICC(on)
REXT=360
Ω,
ALL
DATA="H"
OUT0~15=on
1260
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Podobny numer części - TB62708N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TB62701 MARKTECH-TB62701 Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62702 TOSHIBA-TB62702 Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
More results

Podobny opis - TB62708N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Mitsubishi Electric Sem...
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com