Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA16B-VY-2-PF Arkusz danych(PDF) 3 Page - LIGITEK electronics co., ltd.

Numer części LA16B-VY-2-PF
Szczegółowy opis  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA16B-VY-2-PF Arkusz danych(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA16B-VY-2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA16B-VY-2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA16B-VY-2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA16B-VY-2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA16B-VY-2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA16B-VY-2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
ESD
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
75
-40 ~ +100
-40 ~ +85
Ir
2000
10
Ratings
VY
60
30
mW
V
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
50
Viewing
angle
2
θ1/2
(deg)
Min.
120
20
Min.
1.7
Forward
voltage
@
mA(V)
Max.
2.6
Dominant
wave
length
λDnm
590
Spectral
halfwidth
△λnm
20
Typ.
Luminous
intensity
@20mA(mcd)
220
Emitted
Yellow
PART NO
LA16B/VY-2-PF
MATERIAL
AlGaInP
Lens
COLOR
Yellow Diffused
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
PART NO. LA16B/VY-2-PF


Podobny numer części - LA16B-VY-2-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA16B-VY-S3 LIGITEK-LA16B-VY-S3 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-VY-S6 LIGITEK-LA16B-VY-S6 Datasheet
103Kb / 5P
   LED ARRAY
More results

Podobny opis - LA16B-VY-2-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com