Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD412 Arkusz danych(PDF) 6 Page - RFHIC

Numer części AD412
Szczegółowy opis  E-pHEMT MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFHIC [RFHIC]
Strona internetowa  http://www.rfhic.com
Logo RFHIC - RFHIC

AD412 Arkusz danych(HTML) 6 Page - RFHIC

  AD412 Datasheet HTML 1Page - RFHIC AD412 Datasheet HTML 2Page - RFHIC AD412 Datasheet HTML 3Page - RFHIC AD412 Datasheet HTML 4Page - RFHIC AD412 Datasheet HTML 5Page - RFHIC AD412 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D4
41
12
2
(Preliminary)
Package Dimensions (Type :QFN3)
Pin No
Function
4
Input
5
Input Matching
7
Output - 1
9
Output - 2
12
Output - 3
14
Output - 4
2, 3, 10, 11
GND
Other
NC
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Podobny numer części - AD412

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4129-8BCBZ-RL7 AD-AD4129-8BCBZ-RL7 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results

Podobny opis - AD412

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com