Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7170BCPZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7170BCPZ-REEL7
Szczegółowy opis  12-Bit Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7170BCPZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7170BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7170
Rev. 0 | Page 5 of 16
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.25 V,, GND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = VDD, unless otherwise noted.
Table 2.
Parameter1, 2
Limit at TMIN, TMAX
Unit
Conditions/Comments
READ
t1
100
ns min
SCLK high pulse width
t2
100
ns min
SCLK low pulse width
t33
0
ns min
SCLK active edge to data valid delay4
60
ns max
VDD = 4.75 V to 5.25 V
80
ns max
VDD = 2.7 V to 3.6 V
t4
10
ns min
SCLK inactive edge to DOUT/RDY high
RESET
t5
100
ns min
PDRST low pulse width
t6
25
ms typ
PDRST high to data valid delay
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 See Figure 3.
3 These numbers are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
4 SCLK active edge is the falling edge of SCLK.
ISINK (1.6mA WITH VDD = 5V,
100µA WITH VDD = 3V)
ISOURCE (200µA WITH VDD = 5V,
100µA WITH VDD = 3V)
1.6V
TO
OUTPUT
PIN
50pF
Figure 2. Load Circuit for Timing Characterization
TIMING DIAGRAMS
t3
t1
t2
t4
DOUT/RDY (O)
SCLK (I)
I = INPUT, O = OUTPUT
MSB
LSB
Figure 3. Read Cycle Timing Diagram
t5
t6
PDRST (I)
DOUT/RDY (O)
I = INPUT, O = OUTPUT
Figure 4. Resetting the AD7170


Podobny numer części - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
More results

Podobny opis - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com