Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7170BCPZ-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7170BCPZ-REEL7
Szczegółowy opis  12-Bit Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7170BCPZ-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7170BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7170
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
VINx/Digital Input Current
10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering
Reflow
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
LFCSP
48.7
2.96
°C/W
ESD CAUTION


Podobny numer części - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
More results

Podobny opis - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com