Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7170BCPZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7170BCPZ-REEL7
Szczegółowy opis  12-Bit Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7170BCPZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7170BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7170BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7170
Rev. 0 | Page 9 of 16
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
Table 6 shows the rms noise of the AD7170. The numbers given
are for a 5 V and a 3 V reference. These numbers are typical and
are generated with a differential input voltage of 0 V. The
corresponding p-p resolution is also listed, along with the
effective resolution (ENOB). It is important to note that the
effective resolution is calculated using the rms noise, whereas
the p-p resolution is based on the p-p noise. The p-p resolution
represents the resolution for which there is no code flicker.
These numbers are typical.
The effective number of bits (ENOB) is defined as
ENOB = ln (FSR/RMS noise)/ln(2)
The noise-free bits, or p-p resolution, are defined as
Noise-Free Bits = ln (FSR/Peak-to-Peak Noise)/ln(2)
where FSR is the full-scale range and is equal to 2 × VREF/gain.
Table 6. RMS Noise and Resolution of the AD7170
VREF = VDD
RMS Noise
P-P Noise
P-P
Resolution
ENOB
5 V
11.5 μV
76 μV
12 bits
12 bits
3 V
6.9 μV
45 μV
12 bits
12 bits


Podobny numer części - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
More results

Podobny opis - AD7170BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com