Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD050QX2 Arkusz danych(PDF) 6 Page - AZ Displays

Numer części PD050QX2
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050QX2 Arkusz danych(HTML) 6 Page - AZ Displays

Back Button PD050QX2 Datasheet HTML 2Page - AZ Displays PD050QX2 Datasheet HTML 3Page - AZ Displays PD050QX2 Datasheet HTML 4Page - AZ Displays PD050QX2 Datasheet HTML 5Page - AZ Displays PD050QX2 Datasheet HTML 6Page - AZ Displays PD050QX2 Datasheet HTML 7Page - AZ Displays PD050QX2 Datasheet HTML 8Page - AZ Displays PD050QX2 Datasheet HTML 9Page - AZ Displays PD050QX2 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PD050QX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:6
5. Input / Output Terminals
5-1) TFT-LCD Panel Driving
FPC Down Connect, 30 Pins, Pitch: 0.5 mm
CN 1
Pin No.
Symbol
Function
Remark
1
D27(B7)
Blue Data
2
D26(B6)
Blue Data
3
D25(B5)
Blue Data
4
D24(B4)
Blue Data
5
D23(B3)
Blue Data
6
D22(B2)
Blue Data
7
D21(B1)
Blue Data
8
D20(B0)
Blue Data
Note 5-1
9
GND
Digital ground
10
D17(G7)
Green Data
11
D16(G6)
Green Data
12
D15(G5)
Green Data
13
D14(G4)
Green Data
14
D13(G3)
Green Data
15
D12(G2)
Green Data
16
D11(G1)
Green Data
17
D10(G0)
Green Data
Note 5-1
18
GND
Digital ground
19
D07(R7)
Red Data
20
D06(R6)
Red Data
21
D05(R5)
Red Data
22
D04(R4)
Red Data
23
D03(R3)
Red Data
24
D02(R2)
Red Data
25
D01(R1)
Red Data
26
D00(R0)
Red Data
Note 5-1
27
GND
Digital ground
28
VEE
Negative power for gate driver
Note 5-8
29
VCC2
Digital power supply for gate driver
Note 5-9
30
VGG
Positive power for gate driver
Note 5-10
P-511-446(V:3)


Podobny numer części - PD050QX2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD050QX2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com