Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD050QX2 Arkusz danych(PDF) 8 Page - AZ Displays

Numer części PD050QX2
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050QX2 Arkusz danych(HTML) 8 Page - AZ Displays

Back Button PD050QX2 Datasheet HTML 4Page - AZ Displays PD050QX2 Datasheet HTML 5Page - AZ Displays PD050QX2 Datasheet HTML 6Page - AZ Displays PD050QX2 Datasheet HTML 7Page - AZ Displays PD050QX2 Datasheet HTML 8Page - AZ Displays PD050QX2 Datasheet HTML 9Page - AZ Displays PD050QX2 Datasheet HTML 10Page - AZ Displays PD050QX2 Datasheet HTML 11Page - AZ Displays PD050QX2 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PD050QX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:8
Note 5-1 : Digital data input. DX0 is LSB and DX7 is MSB.
If parallel RGB input mode is used, D0X, D1X, and D2X indicate R, G and B data in turn.
If serial RGB or CCIR601/656 input mode is selected, only D07~D00 are used, and others
short to GND.
Note 5-2 : VDDA Typ. = 8.2V
Note 5-3 : Horizontal sync input in digital RGB mode and CCIR601 mode.
( Short to GND if not used )
Note 5-4 : Vertical sync input in digital RGB mode and CCIR601 mode.
( Short to GND if not used )
Note 5-5 : The SYNC(HS+VS) Mode and DEN mode are supported. If DEN signal is fixed low, SYNC
Mode is used. Otherwise , DEN mode is used.
Note 5-6 : VCC1 Typ. = 3.3V
Note 5-7 : VCOM Typ.
3.5V
Note 5-8 : VEE Typ. = -7.97V
Note 5-9 : VCC2 Typ.
3.3V
Note 5-10 : VGG Typ. =19.1V
Note 5-11 :If.VSET=”H”,the gamma correction voltage generated externally.
Note 5-12 : The definition of L/R , U/D
U/D CN2(PIN 20)=Low
L/R CN2(PIN 19)=High
U/D CN2(PIN 20)=High
L/R CN2(PIN 19)=Low
P-511-446(V:3)


Podobny numer części - PD050QX2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD050QX2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com