Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD057VU4_V5 Arkusz danych(PDF) 6 Page - AZ Displays

Numer części PD057VU4_V5
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU4_V5 Arkusz danych(HTML) 6 Page - AZ Displays

Back Button PD057VU4_V5 Datasheet HTML 2Page - AZ Displays PD057VU4_V5 Datasheet HTML 3Page - AZ Displays PD057VU4_V5 Datasheet HTML 4Page - AZ Displays PD057VU4_V5 Datasheet HTML 5Page - AZ Displays PD057VU4_V5 Datasheet HTML 6Page - AZ Displays PD057VU4_V5 Datasheet HTML 7Page - AZ Displays PD057VU4_V5 Datasheet HTML 8Page - AZ Displays PD057VU4_V5 Datasheet HTML 9Page - AZ Displays PD057VU4_V5 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PD057VU4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:6
5.Input / Output Terminals
5-1) TFT-LCD Panel Driving
Connector type: ELCO 08-6210-033-340-800A+ , PIN No 33 pins, pitch=0.5mm
Pin No Symbol I/O
Description
Remark
1
GND
-
GND
2
CK
I
Clock signal for sampling each data signal
3
Hsync
I
Horizontal synchronous signal(neqative)
4
Vsync
I
Vertical synchronous signal(neqative)
5
GND
-
GND
6
R0
RED data signal(LSB)
7
R1
I
RED data signal
8
R2
I
RED data signal
9
R3
I
RED data signal
10
R4
I
RED data signal
11
R5
I
RED data signal(MSB)
12
GND
-
GND
13
G0
I
GREEN data signal(LSB)
14
G1
I
GREEN data signal
15
G2
I
GREEN data signal
16
G3
I
GREEN data signal
17
G4
I
GREEN data signal
18
G5
I
GREEN data signal(MSB)
19
GND
-
GND
20
B0
I
Blue data signal(LSB)
21
B1
I
Blue data signal
22
B2
I
Blue data signal
23
B3
I
Blue data signal
24
B4
I
Blue data signal
25
B5
I
Blue data signal(MSB)
26
GND
-
GND
27
ENAB
I
Signal to settle the horizontal display position(positive)
Note5-1
28
VCC
-
+3.3V power supply
29
VCC
-
+3.3V power supply
30
R/L
I
Horizontal display mode select signal
L
Normal ,H
Left /Right reverse mode
Note5-2
31
U/D
I
Vertical display mode select signal
H
Normal ,L :Up/Down reverse mode
Note5-3
32
V/Q
I
VGA / QVGA mode select signal
Note10-2
33
GND
-
GND
Note5-1
The horizontal display start timing is settled in accordance with rising of ENAB signal.
In case ENAB is fixed ”Low”,the horizontal start timing is determined as described in
10-2. Don`t keep ENAB”High” during operation.
P-511-361(V:5)
Ver:5
6/19


Podobny numer części - PD057VU4_V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD057VU4_V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com