Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA193B-HYSBKS-2-PF Arkusz danych(PDF) 5 Page - LIGITEK electronics co., ltd.

Numer części LA193B-HYSBKS-2-PF
Szczegółowy opis  LA193B-HYSBKS-2-PF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA193B-HYSBKS-2-PF Arkusz danych(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA193B-HYSBKS-2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.25
1.5
Fig.2 Relative Intensity vs. Forward Current
20
10
15
25
30
0.5
0.75
0.25
0
Forward Voltage(V)
5
0
34
5
Forward Current(mA)
1.0
SBK-S CHIP
20
25
30
15
10
5
0
1
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
2
1.0
0.5
Fig.4 Relative Intensity vs. Wavelength
Wavelength (nm)
75
50
100
580
380
0
480
480
430
530
630
680
30
40
20
10
0
0
Fig.3 Forward Current vs. Temperature
Ambient Temperature(
)
25
PART NO. LA193B/HYSBKS-2-PF
4/6


Podobny numer części - LA193B-HYSBKS-2-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA193B-HY-PF LIGITEK-LA193B-HY-PF Datasheet
131Kb / 6P
   LED ARRAY
More results

Podobny opis - LA193B-HYSBKS-2-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FCI connector
89096-112 FCI-CONNECTOR-89096-112 Datasheet
127Kb / 1P
   2/1/04 RA PF 12mm ASSEMBLY
logo
Kemet Corporation
C0402C209B5GACTU KEMET-C0402C209B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 2 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0603C209C1GACAUTO KEMET-C0603C209C1GACAUTO Datasheet
62Kb / 1P
   SMD Auto C0G, Ceramic, 2 pF, /-0.25 pF, 100 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C315C330G1G5TA KEMET-C315C330G1G5TA Datasheet
52Kb / 1P
   Capacitor, ceramic, 33 pF, /-2% Tol, 100V, C0G, Lead Spacing=0.1"||" "507287
2C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security
C0603C209C5GACTU KEMET-C0603C209C5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 2 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C209C5GACAUTO KEMET-C0402C209C5GACAUTO Datasheet
62Kb / 1P
   SMD Auto C0G, Ceramic, 2 pF, /-0.25 pF, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
logo
FCI connector
88946-112LF FCI-CONNECTOR-88946-112LF Datasheet
121Kb / 1P
   B SERIES R/A SIGNAL RECEPT ASSY 4 ROW, 2 MOD, PF
logo
Kemet Corporation
C315C101G1G5TA KEMET-C315C101G1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 100 pF, /-2% Tol, 100 V, C0G, Lead Spacing=0.1"||" "904394
Low Insertion Loss
logo
LIGITEK electronics co....
LSRFVG2363-R1-PF LIGITEK-LSRFVG2363-R1-PF Datasheet
126Kb / 7P
   LSRFVG2363-R1-PF
logo
Kemet Corporation
CBR06C209B5GAC KEMET-CBR06C209B5GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, 2 pF, /-0.1 pF, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com