Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD057VU6 Arkusz danych(PDF) 4 Page - AZ Displays

Numer części PD057VU6
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU6 Arkusz danych(HTML) 4 Page - AZ Displays

  PD057VU6 Datasheet HTML 1Page - AZ Displays PD057VU6 Datasheet HTML 2Page - AZ Displays PD057VU6 Datasheet HTML 3Page - AZ Displays PD057VU6 Datasheet HTML 4Page - AZ Displays PD057VU6 Datasheet HTML 5Page - AZ Displays PD057VU6 Datasheet HTML 6Page - AZ Displays PD057VU6 Datasheet HTML 7Page - AZ Displays PD057VU6 Datasheet HTML 8Page - AZ Displays PD057VU6 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PD057VU6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:4
1.
1.
1.
1. Application
Application
Application
Application:
This data sheet applies to a color TFT LCD module, PD057VU6.
PD057VU6 module applies to OA product, car TV (must use Analog to Digital
driving board), which requires high quality flat panel display. If you must use in
severe reliability environment, please don’ t extend over PVI’s reliability test
conditions.
2. Features
2. Features
2. Features
2. Features:
. QVGA (320*240 pixels) resolution
. Module with resistive type touch panel
. Amorphous silicon TFT LCD panel with back light unit
. Pixel in stripe configuration
. Thin and light weight
. Display Colors:262,144 colors
. TTL interface
3.
3.
3.
3. Mechanical Specifications
Mechanical Specifications
Mechanical Specifications
Mechanical Specifications:
Parameter
Parameter
Parameter
Parameter
Specifications
Specifications
Specifications
Specifications
Unit
Unit
Unit
Unit
Screen Size
5.7 (diagonal)
inch
Display Format
320×(R,G,B)×240
dot
Display Colors
262,144
Active Area
115.20 (H)×86.4 (V)
mm
Pixel Pitch
0.36(H)×0.36(V)
mm
Pixel Configuration
Stripe
Outline Dimension
144(W)×104.6 (H)×14.45 (D) (typ.)
mm
Weight
244 ± 10
g
Back-light
CCFL, 1 tube
Surface treatment
Anti-glare + SWV
Display mode
Normally white
Surface treatment of Touch Panel
3H
Gray scale inversion direction
6 o’ clock
[ref to Note 13-1]
P-511-507(V:2)


Podobny numer części - PD057VU6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU5 AZDISPLAYS-PD057VU5 Datasheet
447Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU7 AZDISPLAYS-PD057VU7 Datasheet
904Kb / 20P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD057VU6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com