Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA195W-EG Arkusz danych(PDF) 6 Page - LIGITEK electronics co., ltd.

Numer części LA195W-EG
Szczegółowy opis  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA195W-EG Arkusz danych(HTML) 6 Page - LIGITEK electronics co., ltd.

  LA195W-EG Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA195W-EG Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
MIL-STD-202:103B
JIS C 7021: B-11
Page 5/5
PART NO. LA195W/EG
Operating Life Test
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
Storage Test
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Test Item
Reliability Test:
Test Condition
Description
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Podobny numer części - LA195W-EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA195W-EG-S1-PF LIGITEK-LA195W-EG-S1-PF Datasheet
123Kb / 7P
   LED ARRAY
More results

Podobny opis - LA195W-EG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com