Zakładka z wyszukiwarką danych komponentów |
|
AD7171BCPZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD7171BCPZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 16 page AD7171 Rev. 0 | Page 5 of 16 TIMING CHARACTERISTICS VDD = 2.7 V to 5.25 V,, GND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = VDD, unless otherwise noted. Table 2. Parameter1, 2 Limit at TMIN, TMAX Unit Conditions/Comments READ t1 100 ns min SCLK high pulse width t2 100 ns min SCLK low pulse width t33 0 ns min SCLK active edge to data valid delay4 60 ns max VDD = 4.75 V to 5.25 V 80 ns max VDD = 2.7 V to 3.6 V t4 10 ns min SCLK inactive edge to DOUT/RDY high RESET t5 100 ns min PDRST low pulse width t6 25 ms typ PDRST high to data valid delay 1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V. 2 See Figure 3. 3 These numbers are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the VOL or VOH limits. 4 SCLK active edge is the falling edge of SCLK. ISINK (1.6mA WITH VDD = 5V, 100µA WITH VDD = 3V) ISOURCE (200µA WITH VDD = 5V, 100µA WITH VDD = 3V) 1.6V TO OUTPUT PIN 50pF Figure 2. Load Circuit for Timing Characterization TIMING DIAGRAMS t3 t1 t2 t4 DOUT/RDY (O) SCLK (I) I = INPUT, O = OUTPUT MSB LSB Figure 3. Read Cycle Timing Diagram t5 t6 PDRST (I) DOUT/RDY (O) I = INPUT, O = OUTPUT Figure 4. Resetting the AD7171 |
Podobny numer części - AD7171BCPZ-REEL7 |
|
Podobny opis - AD7171BCPZ-REEL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |