Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7171BCPZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7171BCPZ-REEL7
Szczegółowy opis  16-Bit Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7171BCPZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7171BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7171BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7171
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
SCLK
2
DOUT/RDY
3
AIN(+)
4
AIN(–)
5
REFIN(+)
10 NC
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO GROUND.
9 PDRST
8VDD
7GND
6REFIN(–)
AD7171
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. This serial clock input is for data transfers from the ADC. The SCLK has a Schmitt-triggered
input. The serial clock can be continuous with all data transmitted in a constant train of pulses. Alternatively, it
can be a noncontinuous clock with the information being transmitted from the ADC in smaller batches of data.
2
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. DOUT/RDY operates as a data ready
pin, going low to indicate the completion of a conversion. In addition, it functions as a serial data output pin to
access the data register of the ADC. Eight status bits accompany each data read. See
for further details.
The DOUT/
Figure 13
RDY falling edge can be used as an interrupt to a processor, indicating that new data is available. If
the data is not read after the conversion, the pin goes high before the next update occurs.
3
AIN(+)
Analog Input. AIN(+) is the positive terminal of the differential analog input pair AIN(+)/AIN(−).
4
AIN(−)
Analog Input. AIN(−) is the negative terminal of the differential analog input pair AIN(+)/AIN(−).
5
REFIN(+)
Positive Reference Input. An external reference can be applied between REFIN(+) and REFIN(–). The nominal
reference voltage (REFIN(+) – REFIN(−)) is 5 V, but the part can function with a reference of 0.5 V to VDD.
6
REFIN(−)
Negative Reference Input.
7
GND
Ground Reference Point.
8
VDD
Supply Voltage, 2.7 V to 5.25 V.
9
PDRST
Power-Down/Reset. When this pin is low, the ADC is placed in power-down mode. All the logic on the chip is
reset and the DOUT/RDY pin is tristated. When PDRST is high, the ADC is taken out of power-down mode. The
on-chip clock powers up and settles, and the ADC continuously converts. The internal clock requires 1 ms
approximately to power up.
10
NC
This pin should be connected to GND for correct operation.
EPAD
Connect the exposed pad to ground.


Podobny numer części - AD7171BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7171BCPZ-REEL7 AD-AD7171BCPZ-REEL7 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results

Podobny opis - AD7171BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com