Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7171BCPZ-500RL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7171BCPZ-500RL7
Szczegółowy opis  16-Bit Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7171BCPZ-500RL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7171BCPZ-500RL7 Datasheet HTML 1Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 2Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7171
Rev. 0 | Page 4 of 16
Parameter
AD7171B1
Unit
Test Conditions/Comments
Min
Typ
Max
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
VDD − 0.6
V
VDD = 3 V, ISOURCE = 100 μA
4
V
VDD = 5 V, ISOURCE = 200 μA
Output Low Voltage, VOL2
0.4
V
VDD = 3 V, ISINK = 100 μA
0.4
V
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±2
μA
Floating-State Output Capacitance
5
pF
Data Output Coding
Offset binary
POWER REQUIREMENTS3
Power Supply Voltage
VDD – GND
2.7
5.25
V
Power Supply Currents
IDD Current
110
130
μA
VDD = 3 V
135
150
μA
VDD = 5 V
IDD (Power-Down/Reset Mode)
5
μA
1 Temperature range is –40°C to +105°C.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Digital inputs equal to VDD or GND.


Podobny numer części - AD7171BCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results

Podobny opis - AD7171BCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com