Zakładka z wyszukiwarką danych komponentów |
|
AD7171BCPZ-500RL7 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD7171BCPZ-500RL7 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 16 page AD7171 Rev. 0 | Page 7 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 1 SCLK 2 DOUT/RDY 3 AIN(+) 4 AIN(–) 5 REFIN(+) 10 NC NOTES 1. NC = NO CONNECT. 2. CONNECT EXPOSED PAD TO GROUND. 9 PDRST 8VDD 7GND 6REFIN(–) AD7171 TOP VIEW (Not to Scale) Figure 5. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 SCLK Serial Clock Input. This serial clock input is for data transfers from the ADC. The SCLK has a Schmitt-triggered input. The serial clock can be continuous with all data transmitted in a constant train of pulses. Alternatively, it can be a noncontinuous clock with the information being transmitted from the ADC in smaller batches of data. 2 DOUT/RDY Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. DOUT/RDY operates as a data ready pin, going low to indicate the completion of a conversion. In addition, it functions as a serial data output pin to access the data register of the ADC. Eight status bits accompany each data read. See for further details. The DOUT/ Figure 13 RDY falling edge can be used as an interrupt to a processor, indicating that new data is available. If the data is not read after the conversion, the pin goes high before the next update occurs. 3 AIN(+) Analog Input. AIN(+) is the positive terminal of the differential analog input pair AIN(+)/AIN(−). 4 AIN(−) Analog Input. AIN(−) is the negative terminal of the differential analog input pair AIN(+)/AIN(−). 5 REFIN(+) Positive Reference Input. An external reference can be applied between REFIN(+) and REFIN(–). The nominal reference voltage (REFIN(+) – REFIN(−)) is 5 V, but the part can function with a reference of 0.5 V to VDD. 6 REFIN(−) Negative Reference Input. 7 GND Ground Reference Point. 8 VDD Supply Voltage, 2.7 V to 5.25 V. 9 PDRST Power-Down/Reset. When this pin is low, the ADC is placed in power-down mode. All the logic on the chip is reset and the DOUT/RDY pin is tristated. When PDRST is high, the ADC is taken out of power-down mode. The on-chip clock powers up and settles, and the ADC continuously converts. The internal clock requires 1 ms approximately to power up. 10 NC This pin should be connected to GND for correct operation. EPAD Connect the exposed pad to ground. |
Podobny numer części - AD7171BCPZ-500RL7 |
|
Podobny opis - AD7171BCPZ-500RL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |