Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA12540 Arkusz danych(PDF) 3 Page - LIGITEK electronics co., ltd.

Numer części LA12540
Szczegółowy opis  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA12540 Arkusz danych(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA12540 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA12540 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA12540 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA12540 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA12540 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Luminous
intensity
@10mA(mcd)
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Forward
voltage
@
mA(V)
Viewing
angle
2
θ 1/2
(deg)
LA12540
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Yellow
Emitted
GaAsP/GaP
PART NO
MATERIAL
Lens
Orange Diffused
592
COLOR
Typ.
30
Max.
Min.
Min.
35
1.7
2.6
12
20
38
Storage Temperature
Soldering Temperature
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
)
Tsol
Tstg
Topr
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +100
-40 ~ +85
Power Dissipation
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
PART NO.
Symbol
Parameter
UNIT
IFP
PD
Ir
IF
80
mA
60
10
mW
μA
20
A
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LA12540
Ratings
Page 2/4


Podobny numer części - LA12540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA12540-PF-TBF-X LIGITEK-LA12540-PF-TBF-X Datasheet
136Kb / 8P
   TAPE AND BOX TYPE LED LAMPS
More results

Podobny opis - LA12540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com