Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2040T2120 Arkusz danych(PDF) 1 Page - American Accurate Components, Inc.

Numer części LA2040T2120
Szczegółowy opis  Temperature Compenstated Low Noise Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAC [American Accurate Components, Inc.]
Strona internetowa  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2040T2120 Arkusz danych(HTML) 1 Page - American Accurate Components, Inc.

  LA2040T2120 Datasheet HTML 1Page - American Accurate Components, Inc. LA2040T2120 Datasheet HTML 2Page - American Accurate Components, Inc. LA2040T2120 Datasheet HTML 3Page - American Accurate Components, Inc. LA2040T2120 Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Temperature Compenstated Low Noise Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Temperature Compensated Low Noise Amplifiers 0.5 to 18GHz
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA0510T1610
0.5 - 1
13
18
3.0
10
± 1.0
20
2:1
120
2I,2MH
LA0510T3210
0.5 - 1
29
35
3.5
10
± 1.5
20
2:1
200
4I,3MH
LA0510T1614
0.5 - 1
13
18
3.0
14
± 1.5
20
2:1
120
2I,2MH
LA0510T3214
0.5 - 1
29
35
3.5
14
± 1.5
20
2:1
200
4I,3MH
LA0520T1610
0.5 - 2
13
18
3.0
10
± 1.0
20
2:1
120
4I,3MH
LA0520T3210
0.5 - 2
29
35
3.5
10
± 1.8
20
2:1
200
4I,3MH
LA0520T1614
0.5 - 2
13
18
3.0
14
± 1.5
20
2:1
120
4I,3MH
LA0520T3214
0.5 - 2
29
35
3.5
14
± 1.8
20
2:1
200
4I,3MH
LA1020T1610
1 - 2
13
18
3.5
10
± 1.0
20
2:1
120
4I,3MH
LA1020T3214
1 - 2
29
35
3.5
14
± 1.8
20
2:1
200
4I,3MH
LA2040T1409
2 - 4
12
17
4.0
9
± 1.5
20
2:1
150
4I,3MH
LA2040T2109
2 - 4
18
24
3.5
9
± 1.5
20
2:1
180
4I,3MH
LA2040T2810
2 - 4
24
31
3.5
10
± 1.5
20
2:1
250
4I,4MH
LA2040T3510
2 - 4
31
39
4.0
10
± 1.8
25
2:1
300
6I,6MH
LA2040T4210
2 - 4
37
46
4.0
10
± 2.0
25
2:1
380
6I,6MH
LA2040T1613
2 - 4
14
19
4.3
13
± 1.5
20
2:1
150
4I,3MH
LA2040T2113
2 - 4
18
24
3.5
13
± 1.5
20
2:1
180
4I,3MH
LA2040T2815
2 - 4
24
31
3.5
15
± 1.8
20
2:1
250
4I,4MH
LA2040T3515
2 - 4
31
39
4.0
15
± 1.8
25
2:1
300
6I,6MH
LA2040T4215
2 - 4
37
46
4.0
15
± 2.0
25
2:1
380
6I,6MH
LA2080T1409
2 - 8
11
17
4.0
9
± 1.8
20
2:1
150
4I,3MH
LA2080T2109
2 - 8
18
24
4.0
9
± 1.8
20
2:1
180
4I,3MH
LA2080T2810
2 - 8
24
32
3.5
10
± 1.8
20
2:1
250
4I,4MH
LA2080T3510
2 - 8
31
39
4.0
10
± 2
25
2:1
350
6I,6MH
LA2080T4210
2 - 8
37
46
4.0
10
± 2.2
25
2:1
380
6I,6MH
LA2080T1713
2 - 8
14
21
4.5
13
± 1.8
20
2:1
150
4I,3MH
LA2080T2113
2 - 8
18
24
4.0
13
± 1.8
20
2:1
250
4I,3MH
LA2080T2815
2 - 8
24
32
3.5
15
± 1.8
20
2:1
300
4I,4MH
LA2080T3515
2 - 8
31
39
4.0
15
± 2
25
2:1
350
6I,6MH
LA2080T4215
2 - 8
37
46
4.0
15
± 2.2
25
2:1
380
6I,6MH
LA2018T1809
2 - 18
15
22
5.0
9
± 2.0
18
2.2:1
200
4I,3MH
LA2018T2609
2 - 18
22
30
5.0
9
± 2.0
18
2.2:1
250
6I,6MH
LA2018T3209
2 - 18
27
36
5.0
9
± 2.2
18
2.2:1
300
6I,6MH
LA2018T4009
2 - 18
36
46
5.5
9
± 2.5
18
2.2:1
450
6I,6MH
LA2018T1814
2 - 18
15
22
7.0
14
± 2.0
23
2.2:1
250
4I,3MH
LA2018T2614
2 - 18
22
30
5.5
14
± 2.0
23
2.2:1
280
4I,6MH
LA2018T3214
2 - 18
27
36
5.5
14
± 2.2
23
2.2:1
350
6I,6MH
LA2018T4014
2 - 18
36
46
6.0
14
± 2.5
23
2.2:1
450
6I,6MH
LA4080T1709
4 - 8
14
21
4.0
9
± 1.5
20
2:1
150
4I,3MH
LA4080T2109
4 - 8
18
24
3.5
9
± 1.5
20
2:1
180
4I,3MH
LA4080T2810
4 - 8
24
31
3.5
10
± 1.8
20
2:1
250
4I,4MH
LA4080T3510
4 - 8
31
39
4.0
10
± 2.0
25
2:1
300
6I,6MH
LA4080T4210
4 - 8
37
46
4.0
10
± 2.0
25
2:1
380
6I,6MH


Podobny numer części - LA2040T2120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
   ROUND TYPE LED LAMP
LA2040-PF LIGITEK-LA2040-PF Datasheet
622Kb / 6P
   ROUND TYPE LED LAMP
logo
American Accurate Compo...
LA2040N1409 AAC-LA2040N1409 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2040N1813 AAC-LA2040N1813 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2040N2109 AAC-LA2040N2109 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
More results

Podobny opis - LA2040T2120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
STMicroelectronics
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com