Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34700 Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc

Numer części MC34700
Szczegółowy opis  9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34700 Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34700_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34700
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Table 1. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device. This is a stress only rating and operation at these or any other conditions above those indicated
in the operational sections of this specification is not implied.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Voltages
Input Voltage
Input DC/DC1 Voltage, IVIN = 0
Input DC/DC2, 3, and LDO Voltage
VIN
VIN1
VIN2, VIN3,
VINLDO
-0.3 to 20
-0.3 to 20
-0.3 to 7
V
Switch Node Voltages
Switch Node DC/DC1
Switch Node DC/DC2, DC/DC3
VSW1
VSW2, VSW3
-0.3 to 20
-0.3 to 7
V
Bootstrap Voltages
Bootstrap DC/DC1
Bootstrap DC/DC2, DC/DC3
Bootstrap Voltage Referenced to Switch Node Voltage
VBST1
VBST2, VBST3
VBST - VSW
-0.3 to 25
-0.3 to 14
-0.3 to 7
V
Compensation (COMP1, 2, and 3), Feedback (FB1, FB2, FB3, LDO_FB), VDDI
-
-0.3 to 3
V
All Other Pins (EN1, 2, 3, EN_LDO, PGOOD, VGREG, LDO, VOUT1)
-
-0.3 to 7
V
ESD Voltage (1)
Human Body Model (HBM) All Pins
VESD
+ 2000
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to +85
-40 to +125
°C
Peak Package Temperature During Reflow (2), (3)
TPPRT
300
°C
Storage Temperature
TSTRG
-40 to +150
°C
THERMAL RESISTANCE
Thermal Resistance (2)
Junction-to-Case
Junction-to-Ambient
TΘJC
TΘJA
6.7
37
°C/W
Power Dissipation
TA = 25°C
TA = 70°C
TA = 85°C
PD
2.5
1.3
1.0
W
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.


Podobny numer części - MC34700_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EPR2 FREESCALE-MC34700EPR2 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
More results

Podobny opis - MC34700_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
ON Semiconductor
NTD3055-150 ONSEMI-NTD3055-150 Datasheet
67Kb / 8P
   Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
Mean Well Enterprises C...
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
   50W Quad Output Switching Power Supply
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com