Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34845 Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MC34845
Szczegółowy opis  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34845 Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34845 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34845
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
LED DRIVER (CONTINUED)
Off State leakage Current, All Channels
VCH = 45 V
ICH_LEAK
-
-
1.0
μA
LED Channels Rise and Fall Time
tR/tF
-
50
75
ns
LED Open Protection, Channel Disabled if VCH ≤ OFDV
OFDV
-
-
0.55
V
LED Short Protection Voltage, Channel Disabled if VCH ≥ SFDV
(channel on time
≥ 10 μs)
SFDV
6.5
7.0
7.5
V
FAIL PIN
Off State Leakage Current
VFAIL = 5.5 V
IFAIL_LEAK
-
-
5.0
μA
On State Voltage Drop
ISINK = 4.0 mA
VOL
-
-
0.4
V
OVER-TEMPERATURE SHUTDOWN
Over-temperature Threshold (shutdown mode)
Rising
Hysteresis
OTTSHUTDOWN
150
-
165
25
-
-
°C
PWM INPUT
PWM Dimming Mode LED Current Control
PWM = 3.3 V, fPWM = 600 Hz 10% duty;
PWM = 3.3 V, fPWM = 600 Hz 50% duty
PWM = 3.3 V, fPWM = 600 Hz 100% duty
PWMCONTROL
9.9
49.5
-
10
50
100
10.1
50.5
-
%
Input Minimum Pulse PWM Pin (VPWM=3.3 V)
Start-up (Wake Mode)
Operational (Wake Mode)
Start-up (Enable Mode)
Operational (Enable Mode)
tPWM_IN
1.6
-
0.4
-
-
0.2
-
0.2
-
-
-
-
μs
Input Frequency Range for PWM Pin
fPWM
DC
-
100
kHz
WAKE
Shutdown Mode Timeout
tSHUTDOWN
27
30
33
ms
LOGIC INPUTS (PWM)
Input Low Voltage
VILL
-0.3
-
0.5
V
Input High Voltage
VIHL
1.5
-
5.5
V
Input Current
ISINK
-1.0
-
1.0
μA
LOGIC INPUTS (EN)
Input Low Voltage
VILL
-0.3
-
0.5
V
Input High Voltage
VIHL
2.1
-
21
V
Input Current (VEN = 12 V)
ISINK
-
6.0
10
μA
LOGIC INPUTS (WAKE)
Input Low Voltage
VILL
-0.3
-
0.5
V
Input High Voltage
VIHL
2.1
-
5.5
V
Input Current
ISINK
-1.0
-
1.0
μA
Table 3. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40°C ≤ TA
85
°C, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC34845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Podobny opis - MC34845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
logo
Recom International Pow...
RCOB RECOM-RCOB Datasheet
479Kb / 5P
   Low Cost 230VAC LED Power Supply
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com