Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33988CPNA Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC33988CPNA
Szczegółowy opis  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988CPNA Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33988CPNA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Document Number: MC33988
Rev. 4.0, 11/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Dual Intelligent High-current
Self-protected Silicon High Side
Switch (8.0m
Ω)
The 33988 is a dual self-protected 8.0m
Ω silicon switch used to
replace electromechanical relays, fuses, and discrete devices in
power management applications. The 33988 is designed for harsh
environments, and it includes self-recovery features. The device is
suitable for loads with high inrush current, as well as motors and all
types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the
Serial Peripheral Interface (SPI). A dedicated parallel input is
available for alternate and pulse-width modulation (PWM) control of
each output. SPI-programmable fault trip thresholds allow the device
to be adjusted for optimal performance in the application.
The 33988 is packaged in a power-enhanced 12 x 12 nonleaded
PQFN package with exposed tabs.
Features
• Dual 8.0m
Ω max high side switch with parallel input or SPI control
• 6.0V to 27V operating voltage with standby currents < 5.0
μA
• Output current monitoring with two SPI-selectable current ratios
• SPI control of over-current limit, over-current fault blanking time,
output-OFF open load detection, output ON/OFF control,
watchdog timeout, slew rates, and fault status reporting
• SPI status reporting of overcurrent, open and shorted loads, over-
temperature, under-voltage and over-voltage shutdown, fail-safe
pin status, and program status
• Enhanced -16V reverse polarity VPWR protection
Figure 1. 33988 Simplified Application Diagram
HIGH SIDE SWITCH
33988
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33988CPNA
-40°C to 125°C
16 PQFN
BOTTOM VIEW
PNA SUFFIX
98ARL10521D
16-PIN PQFN
VDD
I/O
I/O
SO
SCLK
CS
SI
I/O
I/O
I/O
A/D
VPWR
FS
WAKE
SI
SCLK
CS
SO
RST
INO
IN1
CSNS
FSI
GND
HS1
HS0
GND
LOAD
LOAD
33988
MCU
VDD
VDD
VDD
VPWR


Podobny numer części - MC33988CPNA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33988CHFK FREESCALE-MC33988CHFK Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

Podobny opis - MC33988CPNA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com