Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS-WT75 Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części TS-WT75
Szczegółowy opis  FIBER CHANNEL DUAL TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS-WT75 Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  TS-WT75 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
FIBER CHANNEL DUAL TRANSFORMER
P/N:TS-WT75 DATA SHEET
Pag1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A6(02/06)
Feature
Designed for FDDI & application.
16 PIN surface mountable.
Frequency range 2MHz to 266MHz.
Operating temperature range: 0
°C to +70°C.
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
OCL Inductance
(uH)
@ 100KHz /0.2V
Leakage Inductance
(uH Max)
TS-WT75
1:1
9 -18
0.10
Continue
Part
Number
CW/W
(pF Max)
DCR
( Ω Max)
Rise Time
(nS Max)
HI-POT
(Vrms)
TS-WT75
5.0
0.2
0.5
1500
Schematic
Mechanical


Podobny numer części - TS-WT75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TS-WT150 BOTHHAND-TS-WT150 Datasheet
167Kb / 1P
   FIBER CHANNEL DUAL TRANSFORMER
More results

Podobny opis - TS-WT75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
PM-WT76 BOTHHAND-PM-WT76 Datasheet
35Kb / 1P
   Fiber Channel Dual Transformer
TS-WT150 BOTHHAND-TS-WT150 Datasheet
167Kb / 1P
   FIBER CHANNEL DUAL TRANSFORMER
logo
Allied Components Inter...
AT1619CI ALLIED-AT1619CI Datasheet
348Kb / 1P
   Fiber Channel Transformer
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Bothhand USA, LP.
S1044 BOTHHAND-S1044_1 Datasheet
93Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
S5508M BOTHHAND-S5508M Datasheet
72Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
S1044 BOTHHAND-S1044 Datasheet
56Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com