Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q14.00-SMU5-12-50 Arkusz danych(PDF) 2 Page - Jauch Quartz Gmbh

Numer części Q14.00-SMU5-12-50
Szczegółowy opis  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAUCH [Jauch Quartz Gmbh]
Strona internetowa  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q14.00-SMU5-12-50 Arkusz danych(HTML) 2 Page - Jauch Quartz Gmbh

  Q14.00-SMU5-12-50 Datasheet HTML 1Page - Jauch Quartz Gmbh Q14.00-SMU5-12-50 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Quartz Crystal · SMU5
8.0±0.2
4.0±0.1
6.0±0.2
ø 2.2±0.2
2.0±0.1
ø 1.5±0.1
0.3±0.1
5.5±0.2
Direction of feed
Taping Specification
1000 pcs per reel
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
in mm
2.0
ø 21
120°
25.5
Load Capacitance Codes
7 pF: m
8 pF: k
9 pF: n
10 pF: h
11 pF: l
12 pF: a
20 pF: c
22 pF: g
24 pF: d
25 pF: r
27 pF: w
30 pF: .
32 pF: e
series: s
T: 3rd OT
13 pF: v
14 pF: x
15 pF: j
16 pF: b
17 pF: t
18 pF: f
example 4.0 MHz / 12 pF: 4a000
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
note: parts are also suitable for soldering systems with lead (Pb) content


Podobny numer części - Q14.00-SMU5-12-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
Q14.00-SMU4-12-100 JAUCH-Q14.00-SMU4-12-100 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q14.00-SMU4-12-20 JAUCH-Q14.00-SMU4-12-20 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q14.00-SMU4-12-30 JAUCH-Q14.00-SMU4-12-30 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q14.00-SMU4-12-50 JAUCH-Q14.00-SMU4-12-50 Datasheet
131Kb / 2P
   SMD Quartz Crystal
More results

Podobny opis - Q14.00-SMU5-12-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com