Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1S109-43LF Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części LA1S109-43LF
Szczegółowy opis  SINGLE RJ45 CONNECTOR WITH 1000 BASE-T MAGNETICS AND LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LA1S109-43LF Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  LA1S109-43LF Datasheet HTML 1Page - Bothhand USA, LP. LA1S109-43LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P/N:LA1S109-43 LF
Feature
l
Isolation @ 60Hz : Input to output:1500Vrms.
l
Lead free for external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
l
Recommended panel
Part Number Standard LED Forward*V(Max)
(TYP)
3
YELLOW
2.6V
2.1V
4
GREEN
2.6V
2.2V
*with a forward current of 20mA
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
0.3-30MHz
30-60MHz
60-100MHz
HI-POT
(Vrms)
LA1S109-43 LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100Ω
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
30-40MHz 40-50MHz 50-80MHz
1-30MHz
30-60MHz
60-125MHz
LA1S109-43 LF
-1.0
-16
-13.5
-11.5
-10
-30
-25
-20
Schematic
Bothhandusa.com
SINGLE RJ45 CONNECTOR WITH 1000
BASE-T MAGNETICS AND LEDS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Podobny numer części - LA1S109-43LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
LA1S109-43LF BOTHHAND-LA1S109-43LF Datasheet
189Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-43LF BOTHHAND-LA1S109-43LF_1 Datasheet
189Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
More results

Podobny opis - LA1S109-43LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
LA1S109-4D1PLF BOTHHAND-LA1S109-4D1PLF Datasheet
186Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-D4D3LF BOTHHAND-LA1S109-D4D3LF Datasheet
191Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-4D4LF BOTHHAND-LA1E109D-4D4LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-D43LF BOTHHAND-LA1E109D-D43LF Datasheet
194Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-D44LF BOTHHAND-LA1E109D-D44LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109R-4D4LF BOTHHAND-LA1E109R-4D4LF Datasheet
187Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-43L BOTHHAND-LA1S109-43L Datasheet
106Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-1-4D2 BOTHHAND-LA1E109D-1-4D2 Datasheet
290Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109-3-4D2LF BOTHHAND-LA1E109-3-4D2LF Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-D3D3LF BOTHHAND-LA1S109-D3D3LF Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com