Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

O12.0-JSS53-A-3.3-D1-1-T1 Arkusz danych(PDF) 2 Page - Jauch Quartz Gmbh

Numer części O12.0-JSS53-A-3.3-D1-1-T1
Szczegółowy opis  SMD Spread Spectrum Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAUCH [Jauch Quartz Gmbh]
Strona internetowa  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O12.0-JSS53-A-3.3-D1-1-T1 Arkusz danych(HTML) 2 Page - Jauch Quartz Gmbh

  O12.0-JSS53-A-3.3-D1-1-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O12.0-JSS53-A-3.3-D1-1-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · Spread Spectrum · JSS53 · 3.3 V
Direction of feed
8.0±0.1
ø 1.50 min.
4.0
0.3±0.05
1.5±0.1
3.5±0.1
ø 1.5±0.1
±0.1
2.0±0.05
Taping Specification
500 pcs per reel
2.0
120
°
±0.2
±1
ø20.2
12.4 +2.0/-0.0
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
Marking
S VDD C spread / frequency
stability / date code
date code:
A ~ M: Jan.- Dec.
7: 2007
8: 2008
9: 2009
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
standby current: 20 µA max.
stop function:
• oscillator stops
• output high impedance
in mm


Podobny numer części - O12.0-JSS53-A-3.3-D1-1-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
O125.0-VX3L JAUCH-O125.0-VX3L Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3L-T1 JAUCH-O125.0-VX3L-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH JAUCH-O125.0-VX3LH Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH-T1 JAUCH-O125.0-VX3LH-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LP JAUCH-O125.0-VX3LP Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
More results

Podobny opis - O12.0-JSS53-A-3.3-D1-1-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
Fox Electronics
S7BC FOX-S7BC Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S7BH FOX-S7BH Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5SH FOX-S5SH Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S7SC FOX-S7SC Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5BC FOX-S5BC Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S5SC FOX-S5SC Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S7SH FOX-S7SH Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5BH FOX-S5BH Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com